Electronic Components Datasheet Search
  English  ▼

X  

OPA320 Datasheet(PDF) 11 Page - Texas Instruments

Part # OPA320
Description  OPAx320-Q1 Precision, 20-MHz, 0.9-pA, Low-Noise, RRIO, CMOS Operational Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA320 Datasheet(HTML) 11 Page - Texas Instruments

Back Button OPA320 Datasheet HTML 7Page - Texas Instruments OPA320 Datasheet HTML 8Page - Texas Instruments OPA320 Datasheet HTML 9Page - Texas Instruments OPA320 Datasheet HTML 10Page - Texas Instruments OPA320 Datasheet HTML 11Page - Texas Instruments OPA320 Datasheet HTML 12Page - Texas Instruments OPA320 Datasheet HTML 13Page - Texas Instruments OPA320 Datasheet HTML 14Page - Texas Instruments OPA320 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
0.1
0.075
0.05
0.025
0
–0.025
0.05
0.075
–0.1
–
–
–1.6
0.8
Time (µs)
–1.2
–0.8
–0.4
0
0.4
V
O
V
I
1.5
1
0.5
0
–0.5
1
1.5
–
–
–0.4
1.6
Time (µs)
0
0.4
0.8
1.2
V
I
V
O
12
11.5
11
10.5
10
9.5
9
1.6
5.6
Supply Voltage (V)
2
2.8
3.2
2.4
3.6
4
4.4
4.8
5.2
Rise
Fall
0.1
0.075
0.05
0.025
0
–0.025
0.05
0.075
0.1
–
–
–
–0.8
1.6
Time (µs)
–0.4
0
0.4
0.8
1.2
V
O
V
I
11
OPA320-Q1, OPA2320-Q1
www.ti.com
SLOS884B – SEPTEMBER 2014 – REVISED DECEMBER 2018
Product Folder Links: OPA320-Q1 OPA2320-Q1
Submit Documentation Feedback
Copyright © 2014–2018, Texas Instruments Incorporated
Typical Characteristics (continued)
at TA = 25°C, V(CM) = VO = mid-supply, and R(L) = 10 kΩ (unless otherwise noted)
C(L) = 50 pF
Figure 25. Slew Rate vs Supply Voltage
VS = ±2.75 V, G = 1 V/V, VI = 100 mVPP
Figure 26. Small-Signal Step Response
VS = ±2.75 V, G = –1 V/V, VI = 100 mVPP
Figure 27. Small-Signal Step Response
VS = ±2.75 V, G = 1 V/V, VI = 2 VPP
Figure 28. Large-Signal Step Response vs Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com