Electronic Components Datasheet Search
  English  ▼

X  

OPA320 Datasheet(PDF) 19 Page - Texas Instruments

Part # OPA320
Description  OPAx320-Q1 Precision, 20-MHz, 0.9-pA, Low-Noise, RRIO, CMOS Operational Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA320 Datasheet(HTML) 19 Page - Texas Instruments

Back Button OPA320 Datasheet HTML 15Page - Texas Instruments OPA320 Datasheet HTML 16Page - Texas Instruments OPA320 Datasheet HTML 17Page - Texas Instruments OPA320 Datasheet HTML 18Page - Texas Instruments OPA320 Datasheet HTML 19Page - Texas Instruments OPA320 Datasheet HTML 20Page - Texas Instruments OPA320 Datasheet HTML 21Page - Texas Instruments OPA320 Datasheet HTML 22Page - Texas Instruments OPA320 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
R
100 kΩ
(S)
V
(+INx)
I
IB
OPA320-Q1
V
(V+)
V
(V–)
R
(F)
R
(G)
V
O
160
140
120
100
80
60
40
20
0
-20
1
100M
Frequency (Hz)
100k
1M
10M
10
100
1k
10k
0
-20
40
60
80
100
120
140
160
180
-
-
-
-
-
-
-
-
Phase
Gain
1000
100
10
1
10
1M
Frequency (Hz)
100
1k
10k
100k
19
OPA320-Q1, OPA2320-Q1
www.ti.com
SLOS884B – SEPTEMBER 2014 – REVISED DECEMBER 2018
Product Folder Links: OPA320-Q1 OPA2320-Q1
Submit Documentation Feedback
Copyright © 2014–2018, Texas Instruments Incorporated
4. Circuit board leakage can degrade the performance of an otherwise well-designed amplifier. Clean the circuit
board carefully. A circuit board guard trace that encircles the summing junction and is driven at the same
voltage can help control leakage.
For additional information, refer to the following documents:
•
Texas Instruments, Noise Analysis of FET Transimpedance Amplifiers Application Bulletin
•
Texas Instruments, Noise Analysis for High-Speed Op Amps Application Report
8.2.1.3 Application Curves
Wide gain bandwidth as shown in Figure 38 and low input voltage noise as shown in Figure 39 make the
OPAx320-Q1 device an excellent wideband photodiode transimpedance amplifier.
VS = ±2.5 V, C(L) = 50 pF
Figure 38. Open-Loop Gain and Phase vs Frequency
VS = 1.8 to 5.5 V
Figure 39. Input Voltage Noise Spectral Density vs
Frequency
8.2.2 High-Impedance Sensor Interface
Many sensors have high source impedances that may range up to 10 MΩ, or even higher. The output signal of
sensors often must be amplified or otherwise conditioned by means of an amplifier. The input bias current of this
amplifier can load the sensor output and cause a voltage drop across the source resistance, as shown in
Figure 40, where (V(+INx) = VS – I(BIAS) × R(S)). The last term, I(BIAS) × R(S), shows the voltage drop across R(S). To
prevent errors introduced to the system as a result of this voltage, an op amp with very low input bias current
must be used with high impedance sensors. This low current keeps the error contribution by I(BIAS) × R(S) less
than the input voltage noise of the amplifier, so that it does not become the dominant noise factor. The
OPAx320-Q1 series of op amps feature very low input bias current (typically 200 fA), and are therefore excellent
choices for such applications.
Figure 40. Noise as a Result of I(BIAS)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com