Electronic Components Datasheet Search
  English  ▼

X  

OPA320 Datasheet(PDF) 20 Page - Texas Instruments

Part # OPA320
Description  OPAx320-Q1 Precision, 20-MHz, 0.9-pA, Low-Noise, RRIO, CMOS Operational Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA320 Datasheet(HTML) 20 Page - Texas Instruments

Back Button OPA320 Datasheet HTML 16Page - Texas Instruments OPA320 Datasheet HTML 17Page - Texas Instruments OPA320 Datasheet HTML 18Page - Texas Instruments OPA320 Datasheet HTML 19Page - Texas Instruments OPA320 Datasheet HTML 20Page - Texas Instruments OPA320 Datasheet HTML 21Page - Texas Instruments OPA320 Datasheet HTML 22Page - Texas Instruments OPA320 Datasheet HTML 23Page - Texas Instruments OPA320 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
–5 V
V
(V–)
Optional
(2)
C1
100 nF
R1
(1)
100 Ω
R2
50 kΩ
C2
100 nF
V
(V+)
5 V
SD1
BAS40
V
0 to 4.096 V
I
ADS8326
16-Bit
250kSPS
C3
(1)
1 nF
C4
100 nF
5 V
REF IN
–I x
N
+I x
N
REF3240
4.096V
5 V
OPA320-Q1
½
OPA2320-Q1
R3
25 kΩ
R2
25 kΩ
R
(G)
R1
100 kΩ
R4
100 kΩ
R
(L)
10 kΩ
V
O
50 kΩ
G = 5 +
200 kΩ
R
(G)
5 V
5 V
REF1004-2.5
4
8
(2.5 V)
5 V
½
OPA2320-Q1
20
OPA320-Q1, OPA2320-Q1
SLOS884B – SEPTEMBER 2014 – REVISED DECEMBER 2018
www.ti.com
Product Folder Links: OPA320-Q1 OPA2320-Q1
Submit Documentation Feedback
Copyright © 2014–2018, Texas Instruments Incorporated
8.2.3 Driving ADCs
The OPAx320-Q1 series op amps are an excellent choice for driving sampling analog-to-digital converters
(ADCs) with sampling speeds up to 1 MSPS. The zero-crossover distortion input stage topology allows the
OPAx320-Q1 to drive ADCs without degradation of differential linearity and THD.
The OPAx320-Q1 can be used to buffer the ADC switched input capacitance and resulting charge injection while
providing signal gain. Figure 42 shows the OPAx320-Q1 configured to drive the ADS8326.
Figure 41. Two Op-Amp Instrumentation Amplifier With Improved High-Frequency Common-Mode
Rejection
(1) Suggested value; may require adjustment based on specific application.
(2) Single-supply applications lose a small number of ADC codes near ground as a result of op amp output swing limitation. If a negative
power supply is available, this simple circuit creates a –0.3-V supply to allow output swing to true ground potential.
Figure 42. Driving the ADS8326



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com