Electronic Components Datasheet Search
  English  ▼

X  

OPA320 Datasheet(PDF) 5 Page - Texas Instruments

Part # OPA320
Description  OPAx320-Q1 Precision, 20-MHz, 0.9-pA, Low-Noise, RRIO, CMOS Operational Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA320 Datasheet(HTML) 5 Page - Texas Instruments

  OPA320 Datasheet HTML 1Page - Texas Instruments OPA320 Datasheet HTML 2Page - Texas Instruments OPA320 Datasheet HTML 3Page - Texas Instruments OPA320 Datasheet HTML 4Page - Texas Instruments OPA320 Datasheet HTML 5Page - Texas Instruments OPA320 Datasheet HTML 6Page - Texas Instruments OPA320 Datasheet HTML 7Page - Texas Instruments OPA320 Datasheet HTML 8Page - Texas Instruments OPA320 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
5
OPA320-Q1, OPA2320-Q1
www.ti.com
SLOS884B – SEPTEMBER 2014 – REVISED DECEMBER 2018
Product Folder Links: OPA320-Q1 OPA2320-Q1
Submit Documentation Feedback
Copyright © 2014–2018, Texas Instruments Incorporated
(1)
Based on simulation.
(2)
Third-order filter; bandwidth = 80 kHz at –3 dB.
6.5
Electrical Characteristics:
VS = 1.8 to 5.5 V or ±0.9 V to ±2.75 V; at TA = 25°C, R(L) = 10 kΩ connected to VS / 2, V(CM) = VS / 2, VO = VS / 2 (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OFFSET VOLTAGE
VIO
Input offset voltage
40
150
µV
Input offset voltage versus
temperature
VS = 5.5 V, TA = –40°C to +125°C
1.5
5
µV/°C
Input offset voltage versus power
supply
VS = 1.8 to 5.5 V
5
20
µV/V
VS = 1.8 to 5.5 V, TA = –40°C to +125°C
15
Input offset-voltage channel
separation
At 1 kHz
130
dB
INPUT VOLTAGE
V(CM)
Common-mode voltage range
V(V–) – 0.1
V(V+) + 0.1
V
CMRR
Common-mode rejection ratio
VS = 5.5 V, V(V–) – 0.1 V < V(CM) < V(V+) + 0.1 V
100
114
dB
Common-mode rejection ratio,
over temperature
VS = 5.5 V, V(V–) – 0.1 V < V(CM) < V(V+) + 0.1 V,
TA = –40°C to 125°C
96
dB
INPUT BIAS CURRENT
IIB
Input bias current
±0.2
±0.9
pA
Input bias current, over
temperature
TA = –40°C to 85°C
±50
pA
TA = –40°C to 125°C
±400
IIO
Input offset current
±0.2
±0.9
pA
Input offset current, over
temperature
TA = –40°C to 85°C
±50
pA
TA = –40°C to 125°C
±400
NOISE
VI(n)
Input voltage noise
f = 0.1 to 10 Hz
2.8
µVPP
Input voltage noise density
f = 1 kHz
8.5
nV/
√Hz
f = 10 kHz
7
Input current noise density
f = 1 kHz
0.6
fA/
√Hz
INPUT CAPACITANCE
Differential
5
pF
Common-mode
4
pF
OPEN-LOOP GAIN
A(OL)
Open-loop voltage gain
0.1 V < VO < V(V+) – 0.1 V, R(L) = 10 kΩ
114
132
dB
0.1 V < VO < V(V+) – 0.1 V, R(L) = 10 kΩ, TA = –40°C to 125°C
100
130
0.2 V < VO < V(V+) – 0.2 V, R(L) = 2 kΩ
108
123
0.2 V < VO < V(V+) – 0.2 V, R(L) = 2 kΩ, TA = –40°C to 125°C
96
130
PM
Phase margin
VS = 5 V, C(L) = 50 pF
47
°
FREQUENCY RESPONSE (VS = 5 V, C(L) = 50 pF)
GBP
Gain bandwidth product
Unity gain
20
MHz
SR
Slew rate
G = 1
10
V/µs
ts
Settling time
To 0.1%, 2-V step, G = 1
0.25
µs
To 0.01%, 2-V step, G = 1
0.32
To 0.0015%, 2-V step, G = 1(1)
0.5
Overload recovery time
VI × G > VS
100
ns
THD+N
Total harmonic distortion +
noise(2)
VO = 4 VPP, G = 1, f = 10 kHz, R(L) = 10 kΩ
0.0005%
VO = 4 VPP, G = 1, f = 10 kHz, R(L) = 600 kΩ
0.0011%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com