Electronic Components Datasheet Search
  English  ▼

X  

OPA320SAIDBVT Datasheet(PDF) 16 Page - Texas Instruments

Part # OPA320SAIDBVT
Description  OPAx320x Precision, 20-MHz, 0.9-pA, Low-Noise, RRIO, CMOS Operational Amplifier With Shutdown
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA320SAIDBVT Datasheet(HTML) 16 Page - Texas Instruments

Back Button OPA320SAIDBVT Datasheet HTML 12Page - Texas Instruments OPA320SAIDBVT Datasheet HTML 13Page - Texas Instruments OPA320SAIDBVT Datasheet HTML 14Page - Texas Instruments OPA320SAIDBVT Datasheet HTML 15Page - Texas Instruments OPA320SAIDBVT Datasheet HTML 16Page - Texas Instruments OPA320SAIDBVT Datasheet HTML 17Page - Texas Instruments OPA320SAIDBVT Datasheet HTML 18Page - Texas Instruments OPA320SAIDBVT Datasheet HTML 19Page - Texas Instruments OPA320SAIDBVT Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 58 page
background image
Bias Circuitry
Input Stage Load
Low Noise Charge
Pump
Bias Circuitry
+IN
-IN
OUT
V+
V-
Copyright © 2016, Texas Instruments Incorporated
16
OPA320, OPA2320, OPA320S, OPA2320S
SBOS513F – AUGUST 2010 – REVISED DECEMBER 2016
www.ti.com
Product Folder Links: OPA320 OPA2320 OPA320S OPA2320S
Submit Documentation Feedback
Copyright © 2010–2016, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The OPA320 family of operational amplifiers (op amps) are high-speed, precision amplifiers, perfectly suited to
drive 12-, 14-, and 16-bit analog-to-digital converters. Low output impedance with flat frequency characteristics
and zero-crossover distortion circuitry enable high linearity over the full input common mode range, achieving
true rail-to-rail input from a 1.8-V to 5.5-V single supply.
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 Operating Voltage
The OPA320 series op amps are unity-gain stable and can operate on a single-supply voltage (1.8 V to 5.5 V), or
a split-supply voltage (±0.9 V to ±2.75 V), making them highly versatile and easy to use. The power-supply pins
should have local bypass ceramic capacitors (typically 0.001 µF to 0.1 µF). The OPA320 amplifiers are fully
specified from 1.8 V to 5.5 V and over the extended temperature range of –40°C to 125°C. Parameters that can
exhibit variance with regard to operating voltage or temperature are presented in the Typical Characteristics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com