Electronic Components Datasheet Search
  English  ▼

X  

OPA320SAIDBVT Datasheet(PDF) 22 Page - Texas Instruments

Part # OPA320SAIDBVT
Description  OPAx320x Precision, 20-MHz, 0.9-pA, Low-Noise, RRIO, CMOS Operational Amplifier With Shutdown
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA320SAIDBVT Datasheet(HTML) 22 Page - Texas Instruments

Back Button OPA320SAIDBVT Datasheet HTML 18Page - Texas Instruments OPA320SAIDBVT Datasheet HTML 19Page - Texas Instruments OPA320SAIDBVT Datasheet HTML 20Page - Texas Instruments OPA320SAIDBVT Datasheet HTML 21Page - Texas Instruments OPA320SAIDBVT Datasheet HTML 22Page - Texas Instruments OPA320SAIDBVT Datasheet HTML 23Page - Texas Instruments OPA320SAIDBVT Datasheet HTML 24Page - Texas Instruments OPA320SAIDBVT Datasheet HTML 25Page - Texas Instruments OPA320SAIDBVT Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 58 page
background image
f
-
3dB =
2 R C
p
F
D
GBW
(Hz)
2 R C
p
F
F
1
4 R C
p
F
D
GBW
=
OPA320
V
OUT
V+
V-
C
D
R
10MW
F
C
< 1pF
F
(1)
l
Copyright © 2016, Texas Instruments Incorporated
22
OPA320, OPA2320, OPA320S, OPA2320S
SBOS513F – AUGUST 2010 – REVISED DECEMBER 2016
www.ti.com
Product Folder Links: OPA320 OPA2320 OPA320S OPA2320S
Submit Documentation Feedback
Copyright © 2010–2016, Texas Instruments Incorporated
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The OPA320 family offers outstanding DC and AC performance. These devices operate up to a 5.5-V power
supply and offer ultra-low input bias current and 20-MHz bandwidth. These features make the OPA320 family a
robust operational amplifier for both battery-powered and industrial applications.
8.1.1 Transimpedance Amplifier
Wide gain bandwidth, low-input bias current, low input voltage, and current noise make the OPA320 an ideal
wideband photodiode transimpedance amplifier. Low-voltage noise is important because photodiode capacitance
causes the effective noise gain of the circuit to increase at high frequency.
The key elements to a transimpedance design, as shown in Figure 40, are the expected diode capacitance (CD),
which should include the parasitic input common mode and differential-mode input capacitance (4 pF + 5 pF for
the OPA320); the desired transimpedance gain (RF); and the gain-bandwidth (GBW) for the OPA320 (20 MHz).
With these three variables set, the feedback capacitor value (CF) can be set to control the frequency response.
CF includes the stray capacitance of RF, which is 0.2 pF for a typical surface-mount resistor.
(1)
CF is optional to prevent gain peaking. It includes the stray capacitance of RF.
Figure 40. Dual-Supply Transimpedance Amplifier
To achieve a maximally-flat, second-order Butterworth frequency response, the feedback pole should be set as
shown in Equation 2.
(2)
Bandwidth is calculated by Equation 3.
(3)
For even higher transimpedance bandwidth, consider the high-speed CMOS OPA380 (90-MHz GBW), OPA354
(100-MHz GBW), OPA300 (180-MHz GBW), OPA355 (200-MHz GBW), or OPA656/57 (400-MHz GBW).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com