Electronic Components Datasheet Search
  English  ▼

X  

OPA320SAIDBVT Datasheet(PDF) 4 Page - Texas Instruments

Part # OPA320SAIDBVT
Description  OPAx320x Precision, 20-MHz, 0.9-pA, Low-Noise, RRIO, CMOS Operational Amplifier With Shutdown
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA320SAIDBVT Datasheet(HTML) 4 Page - Texas Instruments

  OPA320SAIDBVT Datasheet HTML 1Page - Texas Instruments OPA320SAIDBVT Datasheet HTML 2Page - Texas Instruments OPA320SAIDBVT Datasheet HTML 3Page - Texas Instruments OPA320SAIDBVT Datasheet HTML 4Page - Texas Instruments OPA320SAIDBVT Datasheet HTML 5Page - Texas Instruments OPA320SAIDBVT Datasheet HTML 6Page - Texas Instruments OPA320SAIDBVT Datasheet HTML 7Page - Texas Instruments OPA320SAIDBVT Datasheet HTML 8Page - Texas Instruments OPA320SAIDBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 58 page
background image
OUTA
-INA
+INA
V-
1
2
3
4
V+
OUTB
-INB
+INB
8
7
6
5
Exposed
Thermal
DiePad
on
Underside
(2)
1
2
3
4
8
7
6
5
V+
OUTB
-
INB
+INB
OUTA
-
INA
+INA
V
-
1
2
3
6
5
4
V+
SHDN
-
IN
VOUT
V
-
+IN
1
2
3
5
4
V+
-
IN
OUT
V
-
+IN
4
OPA320, OPA2320, OPA320S, OPA2320S
SBOS513F – AUGUST 2010 – REVISED DECEMBER 2016
www.ti.com
Product Folder Links: OPA320 OPA2320 OPA320S OPA2320S
Submit Documentation Feedback
Copyright © 2010–2016, Texas Instruments Incorporated
5 Pin Configuration and Functions
OPA320 DBV Package
5-Pin SOT-23
Top View
OPA320S DBV Package
6-Pin SOT-23
Top View
Pin Functions: OPA320 and OPA320S
PIN
I/O
DESCRIPTION
NAME
OPA320
OPA320S
–IN
4
4
I
Negative (inverting) input
+IN
3
3
I
Positive (noninverting) input
OUT, VOUT
1
1
O
Output
SHDN
—
5
I
Shutdown, active low
V–
2
2
—
Negative (lowest) power supply
V+
5
6
—
Positive (highest) power supply
OPA2320 D and DGK Packages
8-Pin SOIC and VSSOP
Top View
OPA2320 DRG Package
8-Pin SON With Exposed Thermal Pad
Top View
(1)
No internal connection.
(2)
Connect thermal pad to V–.
Pin Functions: OPA2320
PIN
I/O
DESCRIPTION
NAME
SOIC,
VSSOP
SON
–IN A
2
2
I
Inverting input, channel A
+IN A
3
3
I
Noninverting input, channel A
–IN B
6
6
I
Inverting input, channel B
+IN B
5
5
I
Noninverting input, channel B
OUT A,
VOUT A
1
1
O
Output, channel A
OUT B,
VOUT B
7
7
O
Output, channel B
SHDN A
—
—
I
Shutdown, active low, channel A
SHDN B
—
—
I
Shutdown, active low, channel B
V–
4
4
—
Negative (lowest) power supply
V+
8
8
—
Positive (highest) power supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com