Electronic Components Datasheet Search
  English  ▼

X  

OPA320SAIDBVT Datasheet(PDF) 23 Page - Texas Instruments

Part # OPA320SAIDBVT
Description  OPAx320x Precision, 20-MHz, 0.9-pA, Low-Noise, RRIO, CMOS Operational Amplifier With Shutdown
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA320SAIDBVT Datasheet(HTML) 23 Page - Texas Instruments

Back Button OPA320SAIDBVT Datasheet HTML 19Page - Texas Instruments OPA320SAIDBVT Datasheet HTML 20Page - Texas Instruments OPA320SAIDBVT Datasheet HTML 21Page - Texas Instruments OPA320SAIDBVT Datasheet HTML 22Page - Texas Instruments OPA320SAIDBVT Datasheet HTML 23Page - Texas Instruments OPA320SAIDBVT Datasheet HTML 24Page - Texas Instruments OPA320SAIDBVT Datasheet HTML 25Page - Texas Instruments OPA320SAIDBVT Datasheet HTML 26Page - Texas Instruments OPA320SAIDBVT Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 58 page
background image
OPA320
V
OUT
V+
R
10MW
F
C
< 1pF
F
(1)
l
+V
BIAS
Copyright © 2016, Texas Instruments Incorporated
23
OPA320, OPA2320, OPA320S, OPA2320S
www.ti.com
SBOS513F – AUGUST 2010 – REVISED DECEMBER 2016
Product Folder Links: OPA320 OPA2320 OPA320S OPA2320S
Submit Documentation Feedback
Copyright © 2010–2016, Texas Instruments Incorporated
Application Information (continued)
For single-supply applications, the +IN input can be biased with a positive dc voltage to allow the output to reach
true zero when the photodiode is not exposed to any light, and respond without the added delay that results from
coming out of the negative rail; this configuration is shown in Figure 41. This bias voltage also appears across
the photodiode, providing a reverse bias for faster operation.
(1)
CF is optional to prevent gain peaking. It includes the stray capacitance of RF.
Figure 41. Single-Supply Transimpedance Amplifier
For additional information, see the Application Bulletin Compensate Transimpedance Amplifiers Intuitively
(SBOA055), available for download at www.ti.com.
8.1.2 Optimizing the Transimpedance Circuit
To achieve the best performance, components should be selected according to the following guidelines:
1. For lowest noise, select RF to create the total required gain. Using a lower value for RF and adding gain after
the transimpedance amplifier generally produces poorer noise performance. The noise produced by RF
increases with the square-root of RF, whereas the signal increases linearly. Therefore, signal-to-noise ratio
improves when all the required gain is placed in the transimpedance stage.
2. Minimize photodiode capacitance and stray capacitance at the summing junction (inverting input). This
capacitance causes the voltage noise of the op amp to be amplified (increasing amplification at high
frequency). Using a low-noise voltage source to reverse-bias a photodiode can significantly reduce its
capacitance. Smaller photodiodes have lower capacitance. Use optics to concentrate light on a small
photodiode.
3. Noise increases with increased bandwidth. Limit the circuit bandwidth to only that required. Use a capacitor
across the RF to limit bandwidth, even if not required for stability.
4. Circuit board leakage can degrade the performance of an otherwise well-designed amplifier. Clean the circuit
board carefully. A circuit board guard trace that encircles the summing junction and is driven at the same
voltage can help control leakage.
For additional information, refer to the Application Bulletins Noise Analysis of FET Transimpedance Amplifiers
(SBOA060), and Noise Analysis for High-Speed Op Amps (SBOA066), available for download at www.ti.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com