Electronic Components Datasheet Search
  English  ▼

X  

OPA320SAIDBVT Datasheet(PDF) 25 Page - Texas Instruments

Part # OPA320SAIDBVT
Description  OPAx320x Precision, 20-MHz, 0.9-pA, Low-Noise, RRIO, CMOS Operational Amplifier With Shutdown
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA320SAIDBVT Datasheet(HTML) 25 Page - Texas Instruments

Back Button OPA320SAIDBVT Datasheet HTML 21Page - Texas Instruments OPA320SAIDBVT Datasheet HTML 22Page - Texas Instruments OPA320SAIDBVT Datasheet HTML 23Page - Texas Instruments OPA320SAIDBVT Datasheet HTML 24Page - Texas Instruments OPA320SAIDBVT Datasheet HTML 25Page - Texas Instruments OPA320SAIDBVT Datasheet HTML 26Page - Texas Instruments OPA320SAIDBVT Datasheet HTML 27Page - Texas Instruments OPA320SAIDBVT Datasheet HTML 28Page - Texas Instruments OPA320SAIDBVT Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 58 page
background image
-5V
V-
Optional
(2)
C
100nF
1
R
(1)
100W
1
R
50kW
2
C
100nF
2
V+
+5V
SD1
BAS40
V
0 to 4.096V
IN
ADS8326
16-Bit
250kSPS
C
(1)
1nF
3
C
100nF
4
+5V
REF IN
-IN
+IN
REF3240
4.096V
+5V
OPA320
Copyright © 2016, Texas Instruments Incorporated
25
OPA320, OPA2320, OPA320S, OPA2320S
www.ti.com
SBOS513F – AUGUST 2010 – REVISED DECEMBER 2016
Product Folder Links: OPA320 OPA2320 OPA320S OPA2320S
Submit Documentation Feedback
Copyright © 2010–2016, Texas Instruments Incorporated
Application Information (continued)
(1)
Suggested value; may require adjustment based on specific application.
(2)
Single-supply applications lose a small number of ADC codes near ground as a result of op amp output swing
limitation. If a negative power supply is available, this simple circuit creates a –0.3-V supply to allow output swing to
true ground potential.
Figure 44. Driving the ADS8326
8.1.5 Active Filter
The OPA320 is well-suited for active filter applications that require a wide bandwidth, fast slew rate, low-noise,
single-supply operational amplifier. Figure 45 shows a 500-kHz, second-order, low-pass filter using the multiple-
feedback (MFB) topology. The components have been selected to provide a maximally-flat Butterworth response.
Beyond the cutoff frequency, roll-off is –40 dB/dec. The Butterworth response is ideal for applications requiring
predictable gain characteristics, such as the anti-aliasing filter used in front of an ADC.
One point to observe when considering the MFB filter is that the output is inverted, relative to the input. If this
inversion is not required, or not desired, a noninverting output can be achieved through one of these options:
1. Adding an inverting amplifier;
2. Adding an additional second-order MFB stage; or
3. Using a noninverting filter topology, such as the Sallen-Key (shown in Figure 46).
MFB and Sallen-Key, low-pass and high-pass filter synthesis is quickly accomplished using TI’s FilterPro™
program. This software is available as a free download at www.ti.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com