Electronic Components Datasheet Search
  English  ▼

X  

OPA320SAIDBVT Datasheet(PDF) 7 Page - Texas Instruments

Part # OPA320SAIDBVT
Description  OPAx320x Precision, 20-MHz, 0.9-pA, Low-Noise, RRIO, CMOS Operational Amplifier With Shutdown
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA320SAIDBVT Datasheet(HTML) 7 Page - Texas Instruments

Back Button OPA320SAIDBVT Datasheet HTML 3Page - Texas Instruments OPA320SAIDBVT Datasheet HTML 4Page - Texas Instruments OPA320SAIDBVT Datasheet HTML 5Page - Texas Instruments OPA320SAIDBVT Datasheet HTML 6Page - Texas Instruments OPA320SAIDBVT Datasheet HTML 7Page - Texas Instruments OPA320SAIDBVT Datasheet HTML 8Page - Texas Instruments OPA320SAIDBVT Datasheet HTML 9Page - Texas Instruments OPA320SAIDBVT Datasheet HTML 10Page - Texas Instruments OPA320SAIDBVT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 58 page
background image
7
OPA320, OPA2320, OPA320S, OPA2320S
www.ti.com
SBOS513F – AUGUST 2010 – REVISED DECEMBER 2016
Product Folder Links: OPA320 OPA2320 OPA320S OPA2320S
Submit Documentation Feedback
Copyright © 2010–2016, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see the application report, Semiconductor and IC Package Thermal
Metrics.
6.5 Thermal Information: OPA2320
THERMAL METRIC(1)
OPA2320
UNIT
D (SOIC)
DGK (VSSOP)
DRG (SON)
8 PINS
8 PINS
8 PINS
RθJA
Junction-to-ambient thermal resistance
122.6
174.8
50.6
°C/W
RθJC(top)
Junction-to-case(top) thermal resistance
67.1
43.9
54.9
°C/W
RθJB
Junction-to-board thermal resistance
64
95
25.2
°C/W
ψJT
Junction-to-top characterization parameter
13.2
2
0.6
°C/W
ψJB
Junction-to-board characterization parameter
63.4
93.5
25.3
°C/W
RθJC(bot)
Junction-to-case(bottom) thermal resistance
—
—
5.7
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.6 Thermal Information: OPA2320S
THERMAL METRIC(1)
OPA2320S
UNIT
DGS (VSSOP)
10 PINS
RθJA
Junction-to-ambient thermal resistance
171.5
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
43
°C/W
RθJB
Junction-to-board thermal resistance
91.4
°C/W
ψJT
Junction-to-top characterization parameter
1.9
°C/W
ψJB
Junction-to-board characterization parameter
89.9
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
—
°C/W
6.7 Electrical Characteristics
At VS = 1.8 V to 5.5 V or ±0.9 V to ±2.75 V, TA = 25°C, RL = 10 kΩ connected to VS/2, VCM = VS/2, VOUT = VS/2, and
SHDN x = VS+ (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OFFSET VOLTAGE
VOS
Input offset voltage
40
150
µV
dVOS/dT
Input offset voltage
vs temperature
VS = 5.5 V, TA = –40°C to 125°C
1.5
5
µV/°C
PSR
Input offset voltage
vs power supply
VS = 1.8 V to 5.5 V, TA = 25°C
5
20
µV/V
VS = 1.8 V to 5.5 V, TA = –40°C to 125°C
15
Channel separation
1 kHz
130
dB
INPUT VOLTAGE
VCM
Common-mode voltage
(V–) – 0.1
(V+) + 0.1
V
CMRR
Common-mode rejection ratio
VS = 5.5 V, (V–) – 0.1 V < VCM < (V+) + 0.1 V, TA = 25°C
100
114
dB
VS = 5.5 V, (V–) – 0.1 V < VCM < (V+) + 0.1 V, TA = –40°C to
125°C
96
INPUT BIAS CURRENT
IB
Input bias current
TA = 25°C
±0.2
±0.9
pA
TA = –40°C to 85°C
±50
TA = –40°C to 125°C
OPA2320 and OPA2320S
±400
OPA320 and OPA320S
±600
IOS
Input offset current
TA = 25°C
±0.2
±0.9
pA
TA = –40°C to 85°C
±50
TA = –40°C to 125°C
±400



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com