Electronic Components Datasheet Search
  English  ▼

X  

OPA320SAIDBVT Datasheet(PDF) 17 Page - Texas Instruments

Part # OPA320SAIDBVT
Description  OPAx320x Precision, 20-MHz, 0.9-pA, Low-Noise, RRIO, CMOS Operational Amplifier With Shutdown
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA320SAIDBVT Datasheet(HTML) 17 Page - Texas Instruments

Back Button OPA320SAIDBVT Datasheet HTML 13Page - Texas Instruments OPA320SAIDBVT Datasheet HTML 14Page - Texas Instruments OPA320SAIDBVT Datasheet HTML 15Page - Texas Instruments OPA320SAIDBVT Datasheet HTML 16Page - Texas Instruments OPA320SAIDBVT Datasheet HTML 17Page - Texas Instruments OPA320SAIDBVT Datasheet HTML 18Page - Texas Instruments OPA320SAIDBVT Datasheet HTML 19Page - Texas Instruments OPA320SAIDBVT Datasheet HTML 20Page - Texas Instruments OPA320SAIDBVT Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 58 page
background image
4
3
2
1
0
1
2
3
4
-
-
-
-
-
500
1000
Time( s)
m
-
250
0
750
250
500
V
OUT
V
IN
V = 2.5V
±
S
R
S
OPA320
V+
V
IN
V
OUT
I
10mA, Max
OVERLOAD
Copyright © 2016, Texas Instruments Incorporated
17
OPA320, OPA2320, OPA320S, OPA2320S
www.ti.com
SBOS513F – AUGUST 2010 – REVISED DECEMBER 2016
Product Folder Links: OPA320 OPA2320 OPA320S OPA2320S
Submit Documentation Feedback
Copyright © 2010–2016, Texas Instruments Incorporated
Feature Description (continued)
7.3.2 Input and ESD Protection
The OPA320 incorporates internal electrostatic discharge (ESD) protection circuits on all pins. In the case of
input and output pins, this protection primarily consists of current-steering diodes connected between the input
and power-supply pins. These ESD protection diodes also provide in-circuit input overdrive protection, provided
that the current is limited to 10 mA as stated in the Absolute Maximum Ratings. Many input signals are inherently
current-limited to less than 10 mA; therefore, a limiting resistor is not required. Figure 33 shows how a series
input resistor (RS) may be added to the driven input to limit the input current. The added resistor contributes
thermal noise at the amplifier input and the value should be kept to the minimum in noise-sensitive applications.
Figure 33. Input Current Protection
7.3.3 Rail-to-Rail Input
The OPA320 product family features true rail-to-rail input operation, with supply voltages as low as ±0.9 V
(1.8 V). The design of the OPA320 amplifiers include an internal charge-pump that powers the amplifier input
stage with an internal supply rail at approximately 1.6 V above the external supply (VS+). This internal supply rail
allows the single differential input pair to operate and remain very linear over a very wide input common mode
range. A unique zero-crossover input topology eliminates the input offset transition region typical of many rail-to-
rail, complementary input stage operational amplifiers. This topology allows the OPA320 to provide superior
common-mode performance (CMRR > 110 dB, typical) over the entire common-mode input range, which extends
100 mV beyond both power-supply rails. When driving analog-to-digital converters (ADCs), the highly linear VCM
range of the OPA320 assures maximum linearity and lowest distortion.
7.3.4 Phase Reversal
The OPA320 op amps are designed to be immune to phase reversal when the input pins exceed the supply
voltages, therefore providing further in-system stability and predictability. Figure 34 shows the input voltage
exceeding the supply voltage without any phase reversal.
Figure 34. No Phase Reversal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com