Electronic Components Datasheet Search
  English  ▼

X  

OPA320SAIDBVT Datasheet(PDF) 8 Page - Texas Instruments

Part # OPA320SAIDBVT
Description  OPAx320x Precision, 20-MHz, 0.9-pA, Low-Noise, RRIO, CMOS Operational Amplifier With Shutdown
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA320SAIDBVT Datasheet(HTML) 8 Page - Texas Instruments

Back Button OPA320SAIDBVT Datasheet HTML 4Page - Texas Instruments OPA320SAIDBVT Datasheet HTML 5Page - Texas Instruments OPA320SAIDBVT Datasheet HTML 6Page - Texas Instruments OPA320SAIDBVT Datasheet HTML 7Page - Texas Instruments OPA320SAIDBVT Datasheet HTML 8Page - Texas Instruments OPA320SAIDBVT Datasheet HTML 9Page - Texas Instruments OPA320SAIDBVT Datasheet HTML 10Page - Texas Instruments OPA320SAIDBVT Datasheet HTML 11Page - Texas Instruments OPA320SAIDBVT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 58 page
background image
8
OPA320, OPA2320, OPA320S, OPA2320S
SBOS513F – AUGUST 2010 – REVISED DECEMBER 2016
www.ti.com
Product Folder Links: OPA320 OPA2320 OPA320S OPA2320S
Submit Documentation Feedback
Copyright © 2010–2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
At VS = 1.8 V to 5.5 V or ±0.9 V to ±2.75 V, TA = 25°C, RL = 10 kΩ connected to VS/2, VCM = VS/2, VOUT = VS/2, and
SHDN x = VS+ (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
(1)
Based on simulation.
(2)
Third-order filter; bandwidth = 80 kHz at –3 dB.
(3)
Specified by design and characterization; not production tested.
(4)
Disable time (tOFF) and enable time (tON) are defined as the time between the 50% point of the signal applied to the SHDN pin and the
point at which the output voltage reaches the 10% (disable) or 90% (enable) level.
(5)
Full shutdown refers to the dual OPA2320S having both A and B channels disabled (SHDN A = SHDN B = VS–). For partial shutdown,
only one SHDN pin is exercised; in this mode, the internal biasing and oscillator remain operational and the enable time is shorter.
NOISE
Input voltage noise
f = 0.1 Hz to 10 Hz
2.8
µVPP
en
Input voltage noise density
f = 1 kHz
8.5
nV/
√Hz
f = 10 kHz
7
in
Input current noise density
f = 1 kHz
0.6
fA/
√Hz
INPUT CAPACITANCE
Differential
5
pF
Common mode
4
pF
OPEN-LOOP GAIN
AOL
Open-loop voltage gain
0.1 V < VO < (V+) – 0.1 V, RL = 10 kΩ, TA = 25°C
114
132
dB
0.1 V < VO < (V+) – 0.1 V, RL = 10 kΩ, TA = –40°C to 125°C
100
130
0.2 V < VO < (V+) – 0.2 V, RL = 2 kΩ, TA = 25°C
108
123
0.2 V < VO < (V+) – 0.2 V, RL = 2 kΩ, TA = –40°C to 125°C
96
130
PM
Phase margin
VS = 5 V, CL = 50 pF
47
°
FREQUENCY RESPONSE, VS = 5 V, CL = 50 pF
GBP
Gain bandwidth product
Unity gain
20
MHz
SR
Slew rate
G = +1
10
V/µs
tS
Settling time
to 0.1%, 2-V step, G = +1
0.25
µs
to 0.01%, 2-V step, G = +1
0.32
to 0.0015%, 2-V step, G = +1(1)
0.5
Overload recovery time
VIN × G > VS
100
ns
THD+N
Total harmonic distortion +
noise(2)
VO = 4 VPP, G = 1, f = 10 kHz, RL = 10 kΩ
0.0005%
VO = 2 VPP, G = 1, f = 10 kHz, RL = 600 Ω
0.0011%
OUTPUT
VO
Voltage output swing from
both rails
RL = 10 kΩ, TA = 25°C
10
20
mV
RL = 2 kΩ, TA = 25°C
25
35
RL = 10 kΩ, TA = –40°C to 125°C
30
RL = 2 kΩ, TA = –40°C to 125°C
45
ISC
Short-circuit current
VS = 5.5 V
±65
mA
CL
Capacitive load drive
See Typical Characteristics
RO
Open-loop output resistance
IO = 0 mA, f = 1 MHz
90
Ω
SHUTDOWN (3)
IQSD
Quiescent current per
amplifier
All amplifiers disabled, SHDN = V–
0.1
0.5
µA
OPA2320S only, SHDN A = VS–, SHDN B = VS+
1.6
mA
OPA2320S only, SHDN A = VS+, SHDN B = VS–
1.6
VIH
High-level input voltage
Amplifier enabled, VS– + 0.7 [(VS+) + |VS–|]
0.7 × VS+
5.5
V
VIL
Low-level input voltage
Amplifier disabled, VS– + 0.3 [(VS+) + |VS–|]
0.3 × VS+
V
tON
Amplifier enable time(4)
G = 1, VOUT = 0.1 × VS/2, full shutdown
(5)
20
µs
OPA2320S only, partial shutdown(5)
6
tOFF
Amplifier disable time(4)
G = 1, VOUT = 0.1 × VS/2
3
µs
SHDN pin input bias current
(per pin)
VIH = 5 V
0.13
µA
VIL = 0 V
0.04



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com