Electronic Components Datasheet Search
  English  ▼

X  

DRV7167 Datasheet(PDF) 3 Page - Texas Instruments

Part # DRV7167
Description  DRV7167A 100-V, 70A Half-Bridge GaN Motor Driver Power Stage
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRV7167 Datasheet(HTML) 3 Page - Texas Instruments

  DRV7167 Datasheet HTML 1Page - Texas Instruments DRV7167 Datasheet HTML 2Page - Texas Instruments DRV7167 Datasheet HTML 3Page - Texas Instruments DRV7167 Datasheet HTML 4Page - Texas Instruments DRV7167 Datasheet HTML 5Page - Texas Instruments DRV7167 Datasheet HTML 6Page - Texas Instruments DRV7167 Datasheet HTML 7Page - Texas Instruments DRV7167 Datasheet HTML 8Page - Texas Instruments DRV7167 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Pin Configuration and Functions...................................4
5 Specifications.................................................................. 6
5.1 Absolute Maximum Ratings........................................ 6
5.2 ESD Ratings............................................................... 6
5.3 Recommended Operating Conditions.........................7
5.4 Thermal Information_DRV7167A................................8
5.5 Electrical Characteristics.............................................8
6 Parameter Measurement Information.......................... 11
6.1 Propagation Delay and Mismatch Measurement...... 11
7 Detailed Description......................................................13
7.1 Overview................................................................... 13
7.2 Functional Block Diagram......................................... 13
7.3 Feature Description...................................................14
7.4 Device Functional Modes..........................................17
8 Application and Implementation.................................. 17
8.1 Application Information............................................. 17
8.2 Typical Application.................................................... 17
8.3 Power Supply Recommendations.............................19
8.4 Layout....................................................................... 19
9 Device and Documentation Support............................21
9.1 Documentation Support............................................ 21
9.2 Receiving Notification of Documentation Updates....21
9.3 Support Resources................................................... 21
9.4 Trademarks...............................................................21
9.5 Electrostatic Discharge Caution................................21
9.6 Glossary....................................................................21
10 Revision History.......................................................... 21
11 Mechanical, Packaging, and Orderable
Information.................................................................... 22
11.1 Package Information............................................... 23
www.ti.com
DRV7167
SLVSJF0 – OCTOBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: DRV7167



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com