Electronic Components Datasheet Search
  English  ▼

X  

DRV7167 Datasheet(PDF) 4 Page - Texas Instruments

Part # DRV7167
Description  DRV7167A 100-V, 70A Half-Bridge GaN Motor Driver Power Stage
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRV7167 Datasheet(HTML) 4 Page - Texas Instruments

  DRV7167 Datasheet HTML 1Page - Texas Instruments DRV7167 Datasheet HTML 2Page - Texas Instruments DRV7167 Datasheet HTML 3Page - Texas Instruments DRV7167 Datasheet HTML 4Page - Texas Instruments DRV7167 Datasheet HTML 5Page - Texas Instruments DRV7167 Datasheet HTML 6Page - Texas Instruments DRV7167 Datasheet HTML 7Page - Texas Instruments DRV7167 Datasheet HTML 8Page - Texas Instruments DRV7167 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
4 Pin Configuration and Functions
Transparent Top View
(Shows Pin Locations)
Top View
(Shows Exposed GaN dies
for heatsink connection)
13
12
5
7
11 10
6
ENIN/HI
OUT
PGND
VM
9
8
1
2
3
4
15
14
GVDD
AGND
16
EN/FLT
PWM/LI
OUT
PGND
PGND
PGND
17
18
Figure 4-1. VBN Package, 18-Pin VQFN (Top View)
DRV7167
SLVSJF0 – OCTOBER 2025
www.ti.com
4
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: DRV7167



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com