Electronic Components Datasheet Search
  English  ▼

X  

DRV7167 Datasheet(PDF) 11 Page - Texas Instruments

Part # DRV7167
Description  DRV7167A 100-V, 70A Half-Bridge GaN Motor Driver Power Stage
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRV7167 Datasheet(HTML) 11 Page - Texas Instruments

Back Button DRV7167 Datasheet HTML 7Page - Texas Instruments DRV7167 Datasheet HTML 8Page - Texas Instruments DRV7167 Datasheet HTML 9Page - Texas Instruments DRV7167 Datasheet HTML 10Page - Texas Instruments DRV7167 Datasheet HTML 11Page - Texas Instruments DRV7167 Datasheet HTML 12Page - Texas Instruments DRV7167 Datasheet HTML 13Page - Texas Instruments DRV7167 Datasheet HTML 14Page - Texas Instruments DRV7167 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
6 Parameter Measurement Information
6.1 Propagation Delay and Mismatch Measurement
Figure 6-1 shows the typical test setup used to measure the propagation mismatch. As the gate drives are not
accessible, pullup and pulldown resistors in this test circuit are used to indicate when the low-side GaN FET
turns ON and the high-side GaN FET turns OFF and vice versa to measure the tMON and tMOFF parameters.
Resistance values used in this circuit for the pullup and pulldown resistors are in the order of 1 kΩ; the current
sources used are 2 A.
Figure 6-2 through Figure 6-5 show propagation delay measurement waveforms. For turnon propagation delay
measurements, the current sources are not used. For turnoff time measurements, the current sources are set to
2 A, and a voltage clamp limit is also set, referred to as VM(CLAMP). When measuring the high-side component
turnoff delay, the current source across the high-side FET is turned on, the current source across the low-side
FET is off, HI transitions from high-to-low, and output voltage transitions from VM to VM(CLAMP). Similarly, for
low-side component turnoff propagation delay measurements, the high-side component current source is turned
off, and the low-side component current source is turned on, LI transitions from high to low and the output
transitions from GND potential to VM(CLAMP). The time between the transition of LI and the output change is the
propagation delay time.
OUT
PGND
VM
HI
LI
HS
BOOT
GVDD
AGND
DRV716x
Pattern
Generator
VOUT
Delay Measurement
Figure 6-1. Propagation Delay and Propagation Mismatch Measurement
www.ti.com
DRV7167
SLVSJF0 – OCTOBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: DRV7167



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com