Electronic Components Datasheet Search
  English  ▼

X  

DRV7167 Datasheet(PDF) 7 Page - Texas Instruments

Part # DRV7167
Description  DRV7167A 100-V, 70A Half-Bridge GaN Motor Driver Power Stage
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRV7167 Datasheet(HTML) 7 Page - Texas Instruments

Back Button DRV7167 Datasheet HTML 3Page - Texas Instruments DRV7167 Datasheet HTML 4Page - Texas Instruments DRV7167 Datasheet HTML 5Page - Texas Instruments DRV7167 Datasheet HTML 6Page - Texas Instruments DRV7167 Datasheet HTML 7Page - Texas Instruments DRV7167 Datasheet HTML 8Page - Texas Instruments DRV7167 Datasheet HTML 9Page - Texas Instruments DRV7167 Datasheet HTML 10Page - Texas Instruments DRV7167 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
5.3 Recommended Operating Conditions
Unless otherwise noted, voltages are with respect to AGND
MIN
NOM
MAX
UNIT
GVDD
4.5
5
5.5
V
PWM/LI, ENIN/HI, EN Low Level Input
1
V
PWM/LI, ENIN/HI, EN High Level Input
3
VM+0.3
V
BOOT
VHS+ 4
VHS+ 5.5
V
fMAX
Maximum switching frequency (50% Duty
Cycle)
500
kHz
tPW
Minimum input pulse width supported
10
ns
HS, OUT Slew rate(1)
TBD
V/ns
(1)
Determined through design and characterization. Not tested in production.
www.ti.com
DRV7167
SLVSJF0 – OCTOBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: DRV7167



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com