Electronic Components Datasheet Search
  English  ▼

X  

DRV7167 Datasheet(PDF) 8 Page - Texas Instruments

Part # DRV7167
Description  DRV7167A 100-V, 70A Half-Bridge GaN Motor Driver Power Stage
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRV7167 Datasheet(HTML) 8 Page - Texas Instruments

Back Button DRV7167 Datasheet HTML 4Page - Texas Instruments DRV7167 Datasheet HTML 5Page - Texas Instruments DRV7167 Datasheet HTML 6Page - Texas Instruments DRV7167 Datasheet HTML 7Page - Texas Instruments DRV7167 Datasheet HTML 8Page - Texas Instruments DRV7167 Datasheet HTML 9Page - Texas Instruments DRV7167 Datasheet HTML 10Page - Texas Instruments DRV7167 Datasheet HTML 11Page - Texas Instruments DRV7167 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
5.4 Thermal Information_DRV7167A
THERMAL METRIC (1)
DRV7167
UNIT
QFN
18 PINS
R θJA
Junction-to-ambient thermal resistance
27
°C/W
R θJC(top)
Junction-to-case (top) thermal resistance
0.4
°C/W
R θJC(Bot)
Junction-to-case (bottom) thermal resistance, low-side FET to PGND
5.4
°C/W
Junction-to-case (bottom) thermal resistance, high-side FET to VM
6.3
°C/W
R θJB
Junction-to-board thermal resistance
3.9
°C/W
ψ JT
Junction-to-top characterization parameter
1.8
°C/W
ψ JB
Junction-to-board characterization parameter
3.8
°C/W
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953 .
5.5 Electrical Characteristics
Unless otherwise noted, voltages are with respect to AGND and typical specifications are at 25
℃ (1); -40℃ ≤ TJ ≤150℃
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER STAGE_DRV7167A
RDS(ON)HS
High-side GaN FET on-resistance
LI=0V, HI=GVDD=5V, BOOT-HS=5V,
I(VM-OUT)=16A, TJ = 25℃
2.3
3.1
mΩ
RDS(ON)LS
Low-side GaN FET on-resistance
LI=GVDD=5V, HI=0V, BOOT-HS=5V,
I(OUT-PGND)=16A, TJ = 25℃
2.2
3
mΩ
VSD
GaN source to drain 3rd quadrant
conduction drop
ISD = 500 mA, VM floating, VGVDD = 5 V, HI
= LI = 0V
1.5
V
IL-VM-OUT
Leakage from VM to OUT when the high-
side GaN FET and low-side GaN FET are
off
VM = 80V, OUT=0V, HI = LI = 0V, VGVDD =
5V, TJ=25℃
10
150
µA
IL-VM-OUT
Leakage from VM to OUT when the high-
side GaN FET and low-side GaN FET are
off
VM = 80V, OUT=0V, HI = LI = 0V, VGVDD =
5V, TJ=90℃
20
300
µA
IL-OUT-GND
Leakage from OUT to GND when the
high-side GaN FET and low-side GaN
FET are off
OUT = 80V, HI = LI = 0V, VGVDD =
5V, TJ=25℃
10
150
µA
IL-OUT-GND
Leakage from OUT to GND when the
high-side GaN FET and low-side GaN
FET are off
OUT = 80V, HI = LI = 0V, VGVDD =
5V, TJ=90℃
20
300
µA
CISS
Input Capacitance of high side or low side
HEMT
VDS=50V, VGS= 0V (HI = LI =
0V), TJ=25℃
1700
pF
COSS
Output Capacitance of high-side GaN FET
or low-side GaN FET
VDS=50V, VGS= 0V (HI = LI =
0V), TJ=25℃
570
pF
COSS(ER)
Output Capacitance of high-side GaN FET
or low-side GaN FET - Energy Related
VDS=0 to 50V, VGS= 0V (HI = LI =
0V), TJ=25℃
700
pF
COSS(TR)
Output Capacitance of high-side GaN FET
or low-side GaN FET - Time Related
VDS=0 to 50V, VGS= 0V (HI = LI =
0V), TJ=25℃
880
pF
CRSS
Reverse Transfer Capacitance of high
side or low side HEMT
VDS=50V, VGS= 0V (HI = LI =
0V), TJ=25℃
4.3
pF
QG
Total Gate Charge of high side or low side
HEMT
VDS=50V, ID= 16A, VGS= 5V, TJ=25℃
12
nC
QGD
Gate to Drain Charge of high side or low
side HEMT
VDS=50V, ID= 16A, TJ=25℃
1.2
nC
QGS
Gate to Source Charge of high side or low
side HEMT
VDS=50V, ID= 16A, TJ=25℃
3.9
nC
QOSS
Output Charge (sum of high side HEMT,
low side HEMT and gate-driver HV-Well
charge)
VDS=50V, ID= 16A, TJ=25℃
90
nC
QRR
Source to Drain Reverse Recovery
Charge
0
nC
tHIPLH
Propagation delay: HI Rising(2)
LI=0V, GVDD=5V, BOOT-HS=5V,
VM=48V
15
25
ns
DRV7167
SLVSJF0 – OCTOBER 2025
www.ti.com
8
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: DRV7167



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com