Electronic Components Datasheet Search
  English  ▼

X  

DRV7167 Datasheet(PDF) 10 Page - Texas Instruments

Part # DRV7167
Description  DRV7167A 100-V, 70A Half-Bridge GaN Motor Driver Power Stage
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRV7167 Datasheet(HTML) 10 Page - Texas Instruments

Back Button DRV7167 Datasheet HTML 6Page - Texas Instruments DRV7167 Datasheet HTML 7Page - Texas Instruments DRV7167 Datasheet HTML 8Page - Texas Instruments DRV7167 Datasheet HTML 9Page - Texas Instruments DRV7167 Datasheet HTML 10Page - Texas Instruments DRV7167 Datasheet HTML 11Page - Texas Instruments DRV7167 Datasheet HTML 12Page - Texas Instruments DRV7167 Datasheet HTML 13Page - Texas Instruments DRV7167 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
Unless otherwise noted, voltages are with respect to AGND and typical specifications are at 25
℃ (1); -40℃ ≤ TJ ≤150℃
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Rgrh
RDHR = 0 Ω
Voltage across driver FET = 1.2V
0.8
Ω
RDHR = 4 kΩ
3.6
RDHR = 8 kΩ
7
RDHR =16 kΩ
14
Rgrl
RDLR = 0 Ω
Voltage across driver FET = 1.2V
0.8
Ω
RDLR = 4 kΩ
3.6
RDLR = 8 kΩ
7
RDLR =16 kΩ
14
DEAD TIME CONTROL
tDEAD_MIN
Minimum Dead Time
DLH, DHL = 0Ω; Minimum Dead time
setting.
5
7.5
10
ns
tDEAD_MAX
Maximum Dead Time
DLH, DHL = 100kΩ; Maximum Dead time
setting.
32
40
48
ns
OCP
VDSAT
Saturation protection voltage threshold
0.75
V
tBLANK
Blanking time for VDSAT detection
38
60
88
ns
tSATFLT
Time to indicate FLT upon VDS
overvoltage detection after blanking time
28.7
ns
ZVD Output (Active Low)
VTHRESH_ZVD ZVD Detector Threshold
0.8
1.0
V
t3RD_ZVD
Minimum third quadrant time that can be
detected by ZVD detector (Low Side)
For a 0 to -1.5V to 0 pulse with 100ps rise/
fall time
6
10
14
ns
t3RD_ZVD
Minimum third quadrant time that can be
detected by ZVD detector (High Side)
For a 0 to -1.5V to 0 pulse with 100ps rise/
fall time
6
10
14
ns
tDLY_ZVD_L
Delay between VTHRESH_ZVD cross vs ZVD
output going low
For a 0 to -1.5V to 0 pulse with 100ps rise/
fall time
20
30
ns
tDLY_ZVD_H
Delay between VTHRESH_ZVD cross vs ZVD
output going low
For a 0 to -1.5V to 0 pulse with 100ps rise/
fall time
20
30
ns
tWD_ZVD
ZVD pulse width
For a 0 to -1.5V to 0 pulse with 100ps rise/
fall time
40
65
95
ns
OTD
OTD+
Over Temperature Detect high threshold
145
165
182
℃
OTD-
Over Temperature Detect high threshold
135
154
170
℃
OTDHYS
Over Temperature Detect high threshold
12
℃
FAULT
IFLT
Fault pin pull down current
VFLT = 0.4 V
3
mA
tFLTDLY
Time to indicate FLT after fault occurs
20
ns
tFLT
Min fault indication time
10
µs
tENBLK
Time after FLT release, after which EN=0
is effective
1
µs
(1)
Parameters that show only a typical value are determined by design and may not be tested in production
(2)
See Propagation Delay and Mismatch Measurement section
DRV7167
SLVSJF0 – OCTOBER 2025
www.ti.com
10
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: DRV7167



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com