Electronic Components Datasheet Search
  English  ▼

X  

DRV7167 Datasheet(PDF) 9 Page - Texas Instruments

Part # DRV7167
Description  DRV7167A 100-V, 70A Half-Bridge GaN Motor Driver Power Stage
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRV7167 Datasheet(HTML) 9 Page - Texas Instruments

Back Button DRV7167 Datasheet HTML 5Page - Texas Instruments DRV7167 Datasheet HTML 6Page - Texas Instruments DRV7167 Datasheet HTML 7Page - Texas Instruments DRV7167 Datasheet HTML 8Page - Texas Instruments DRV7167 Datasheet HTML 9Page - Texas Instruments DRV7167 Datasheet HTML 10Page - Texas Instruments DRV7167 Datasheet HTML 11Page - Texas Instruments DRV7167 Datasheet HTML 12Page - Texas Instruments DRV7167 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
Unless otherwise noted, voltages are with respect to AGND and typical specifications are at 25
℃ (1); -40℃ ≤ TJ ≤150℃
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tHIPHL
Propagation delay: HI Falling(2)
LI=0V, GVDD=5V, BOOT-HS=5V,
VM=48V
15
25
ns
tLIPLH
Propagation delay: LI Rising(2)
HI=0V, GVDD=5V, BOOT-HS=5V,
VM=48V
15
25
ns
tLIPHL
Propagation delay: LI Falling(2)
HI=0V, GVDD=5V, BOOT-HS=5V,
VM=48V
15
25
ns
tMON
Delay Matching: LI high & HI low(2)
2
5
ns
tMOFF
Delay Matching: LI low & HI high(2)
2
5
ns
tPW
Minimum Input Pulse Width that Changes
the Output
10
ns
INPUT PINS (ENIN/HI, PWM/LI, EN)
VIH
High-Level Input Voltage Threshold
Rising Edge
2.1
V
VIL
Low-Level Input Voltage Threshold
Falling Edge
1.2
V
VHYS
Hysteresis between rising and falling
threshold
300
mV
RI
Input pull down resistance
200
300
500
kΩ
OUTPUT PINS (ZVDx)
VOL
Low level output voltage
IOL = 3 mA
0.25
V
VOH
High level output voltage
IOL = -1.5 mA to 0 mA
2.6
3.5
V
UNDER/OVER VOLTAGE PROTECTION
VGVDDR
VGVDD Rising edge threshold
Rising
3.3
3.6
3.9
V
VGVDDF
VGVDD Falling edge threshold
3.1
3.4
3.7
V
VGVDD(hyst)
VGVDD UVLO threshold hysteresis
200
mV
VBOOTR
BOOT Rising edge threshold
Rising
3.3
3.6
3.9
V
VBOOTF
BOOT Falling edge threshold
3.1
3.4
3.7
V
VBOOT(hyst)
BOOT UVLO threshold hysteresis
200
mV
VBOOTth
BOOT Regulation Voltage thresholds
4.5
5.3
V
tPWRUP
Power Up time after Digital Reset
50
µs
SYNCRONOUS BOOTSTRAP
VDH
Forward voltage drop
IVDD-BOOT = 5mA
40
mV
IVDD-BOOT = 50mA
400
mV
tSS
BOOT power up time (With LI=High)
CBOOT = 220 nF
2.2
µs
tSS
BOOT power up time (With LI=High)
CBOOT = 1 µF
10
µs
SUPPLY CURRENTS
IGVDD
GVDD Quiescent Current
LI = HI = 0V, GVDD = 5V, EN=0
0.3
mA
IGVDD
GVDD Quiescent Current
LI = HI = 0V, GVDD = 5V
0.9
3.5
mA
IGVDD
GVDD Quiescent Current
LI=GVDD=5V, HI=0V
1.8
7
mA
IGVDDO
Total GVDD Operating Current
f = 500 kHz, 50% Duty cycle, VM = 48V
12
15
mA
IBOOT
BOOT Quiescent Current
LI = HI = 0V, GVDD = 5V, BOOT-HS = 5V
0.5
1
mA
IBOOT
BOOT Quiescent Current
LI=0V, HI=GVDD=5V, BOOT-HS=5V,
VM=48V
0.8
3.5
mA
IBOOTO
BOOT Operating Current
f = 500 kHz, 50% Duty cycle, GVDD = 5V,
BOOT-HS = 5V, VM = 48V
5.6
8
mA
SLEW RATE CONTROL (EFFECTIVE GATE RESISTANCE)
Rgfh
RDHF = 0 Ω
Voltage across driver FET = 1.2V
0.3
Ω
RDHF = 4 kΩ
1.3
RDHF = 8 kΩ
2.6
RDHF =16 kΩ
5.3
Rgfl
RDLF = 0 Ω
Voltage across driver FET = 1.2V
0.3
Ω
RDLF = 4 kΩ
1.3
RDLF = 8 kΩ
2.6
RDLF =16 kΩ
5.3
www.ti.com
DRV7167
SLVSJF0 – OCTOBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: DRV7167



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com