Electronic Components Datasheet Search
  English  ▼

X  

DRV7167 Datasheet(PDF) 6 Page - Texas Instruments

Part # DRV7167
Description  DRV7167A 100-V, 70A Half-Bridge GaN Motor Driver Power Stage
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRV7167 Datasheet(HTML) 6 Page - Texas Instruments

Back Button DRV7167 Datasheet HTML 2Page - Texas Instruments DRV7167 Datasheet HTML 3Page - Texas Instruments DRV7167 Datasheet HTML 4Page - Texas Instruments DRV7167 Datasheet HTML 5Page - Texas Instruments DRV7167 Datasheet HTML 6Page - Texas Instruments DRV7167 Datasheet HTML 7Page - Texas Instruments DRV7167 Datasheet HTML 8Page - Texas Instruments DRV7167 Datasheet HTML 9Page - Texas Instruments DRV7167 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
5 Specifications
5.1 Absolute Maximum Ratings
See (1)
PARAMETER
MIN
MAX
UNIT
VM to PGND (test for 24hrs)
0
100
V
VM to PGND (up to 10,000 5ms pulses at 150°C)
120
V
BOOT to AGND
106
V
HS to AGND
100
V
HS to PGND (up to 10,000 5ms pulses at 150°C)
120
V
HI to AGND
-0.3
6
V
LI to AGND
-0.3
6
V
HI to AGND, 20ns transients, < 1Mhz frequency
-2
6
V
LI to AGND, 20ns transients, < 1Mhz frequency
-2
6
V
GVDD to AGND
-0.3
6
V
BOOT to HS
-0.3
6
V
BOOT to GVDD
0
100
V
OUT to PGND
100
V
IOUT from OUT pin (Continuous), TJ = 125℃
70
A
IOUT from OUT pin (Pulsed, 300 µs), TJ = 25℃
250
A
Junction Temperature, TJ
-40
175
°C
Storage Temperature, Tstg
-40
175
°C
(1)
Operation outside the Absolute Maximum Ratings may cause permanent device damage. Absolute Maximum Ratings do not imply
functional operation of the device at these or any other conditions beyond those listed under Recommended Operating Conditions.
If used outside the Recommended Operating Conditions but within the Absolute Maximum Ratings, the device may not be fully
functional, and this may affect device reliability, functionality, performance, and shorten the device lifetime.
5.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic Discharge
Human-body model (HBM), per ANSI/ESDA/
JEDEC JS-001(1)
±1000
V
V
Charged-device model (CDM), corner pins, per
JEDEC specification JESD22-C101(2)
±750
V
Charged-device model (CDM), internal pins, per
JEDEC specification JESD22-C101(2)
±500
V
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
DRV7167
SLVSJF0 – OCTOBER 2025
www.ti.com
6
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: DRV7167



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com