Electronic Components Datasheet Search
  English  ▼

X  

PCM1753 Datasheet(PDF) 2 Page - Texas Instruments

Part # PCM1753
Description  PCM175x 24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio, Digital-to-Analog Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1753 Datasheet(HTML) 2 Page - Texas Instruments

  PCM1753 Datasheet HTML 1Page - Texas Instruments PCM1753 Datasheet HTML 2Page - Texas Instruments PCM1753 Datasheet HTML 3Page - Texas Instruments PCM1753 Datasheet HTML 4Page - Texas Instruments PCM1753 Datasheet HTML 5Page - Texas Instruments PCM1753 Datasheet HTML 6Page - Texas Instruments PCM1753 Datasheet HTML 7Page - Texas Instruments PCM1753 Datasheet HTML 8Page - Texas Instruments PCM1753 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 41 page
background image
2
PCM1753, PCM1754, PCM1755
SLES092E – APRIL 2003 – REVISED JULY 2019
www.ti.com
Product Folder Links: PCM1753 PCM1754 PCM1755
Submit Documentation Feedback
Copyright © 2003–2019, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Device Comparison Table..................................... 3
6
Pin Configuration and Functions ......................... 3
7
Specifications......................................................... 4
7.1
Absolute Maximum Ratings ...................................... 4
7.2
ESD Ratings.............................................................. 4
7.3
Recommended Operating Conditions...................... 4
7.4
Thermal Information .................................................. 4
7.5
Electrical Characteristics........................................... 5
7.6
System Clock Input Timing ....................................... 6
7.7
Audio Interface Timing .............................................. 6
7.8
Control Interface Timing Requirements .................... 7
7.9
Typical Characteristics .............................................. 8
8
Detailed Description ............................................ 12
8.1
Overview ................................................................. 12
8.2
Functional Block Diagram ....................................... 12
8.3
Feature Description................................................. 12
8.4
Device Functional Modes........................................ 17
8.5
Programming........................................................... 18
8.6
Register Maps ......................................................... 19
9
Application and Implementation ........................ 24
9.1
Application Information............................................ 24
9.2
Typical Application ................................................. 24
10
Power Supply Recommendations ..................... 29
11
Layout................................................................... 29
11.1
Layout Guidelines ................................................. 29
11.2
Layout Example .................................................... 29
12
Device and Documentation Support ................. 31
12.1
Related Documentation ....................................... 31
12.2
Related Links ........................................................ 31
12.3
Receiving Notification of Documentation Updates 31
12.4
Community Resources.......................................... 31
12.5
Trademarks ........................................................... 31
12.6
Electrostatic Discharge Caution ............................ 31
12.7
Glossary ................................................................ 31
13
Mechanical, Packaging, and Orderable
Information ........................................................... 32
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision D (August 2015) to Revision E
Page
•
Added text to pin 11 description to clarify operation for PCM1755 ........................................................................................ 3
•
Added text to pin 12 description to clarify operation for PCM1755 ....................................................................................... 3
•
Added new row for PCM1755 temperature range to Absolute Maximum Ratings table ....................................................... 4
•
Changed location of operating temperature from Electrical Characteristics table to Recommended Operating
Conditions table ...................................................................................................................................................................... 4
•
Changed operating temperature MAX value for PCM1753 and PCM1754 from 105°C to 85°C in the Recommended
Operating Conditions table ..................................................................................................................................................... 4
•
Added new row for PCM1755 temperature range to the Recommended Operating Conditions table ................................. 4
•
Changed output voltage value from MIN to TYP in the Electrical Characteristics table ....................................................... 6
•
Changed center voltage value from MIN to TYP in the Electrical Characteristics table ........................................................ 6
Changes from Revision C (February 2009) to Revision D
Page
•
Added ESD Ratings table, Recommended Operating Conditions table,Feature Description section, Device
Functional Modes, Application and Implementation section, Power Supply Recommendations section, Layout
section, Device and Documentation Support section, and Mechanical, Packaging, and Orderable Information section. ..... 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com