Electronic Components Datasheet Search
  English  ▼

X  

PCM1753 Datasheet(PDF) 20 Page - Texas Instruments

Part # PCM1753
Description  PCM175x 24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio, Digital-to-Analog Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1753 Datasheet(HTML) 20 Page - Texas Instruments

Back Button PCM1753 Datasheet HTML 16Page - Texas Instruments PCM1753 Datasheet HTML 17Page - Texas Instruments PCM1753 Datasheet HTML 18Page - Texas Instruments PCM1753 Datasheet HTML 19Page - Texas Instruments PCM1753 Datasheet HTML 20Page - Texas Instruments PCM1753 Datasheet HTML 21Page - Texas Instruments PCM1753 Datasheet HTML 22Page - Texas Instruments PCM1753 Datasheet HTML 23Page - Texas Instruments PCM1753 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 41 page
background image
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
20
PCM1753, PCM1754, PCM1755
SLES092E – APRIL 2003 – REVISED JULY 2019
www.ti.com
Product Folder Links: PCM1753 PCM1754 PCM1755
Submit Documentation Feedback
Copyright © 2003–2019, Texas Instruments Incorporated
8.6.1.2 Register Definitions
8.6.1.2.1
ATx[7:0]: Digital Attenuation Level Setting
Where x = 1 or 2, corresponding to the DAC output VOUTL (x = 1) and VOUTR (x = 2).
Default value: 1111 1111b
Each DAC channel (VOUTL and VOUTR) includes a digital attenuation function. The attenuation level can be set
from 0 dB to –63 dB in 0.5-dB steps. Changes in attenuator levels are made by incrementing or decrementing
one step (0.5 dB) for every 8/fS time internal until the programmed attenuator setting is reached. Alternatively,
the attenuation level can be set to infinite attenuation (or mute).
The attenuation data for each channel can be set individually. The attenuation level is set using the following
formula:
Attenuation level (dB) = 0.5 × (ATx[7:0]DEC – 255)
where ATx[7:0]DEC = 0 through 255.
For ATx[7:0]DEC = 0 through 128, attenuation is set to infinite attenuation.
The table in Figure 28 shows the attenuation levels for various settings:
Figure 28. ATx[7:0]: Digital Attenuation Level Setting Table



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com