Electronic Components Datasheet Search
  English  ▼

X  

PCM1753 Datasheet(PDF) 13 Page - Texas Instruments

Part # PCM1753
Description  PCM175x 24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio, Digital-to-Analog Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1753 Datasheet(HTML) 13 Page - Texas Instruments

Back Button PCM1753 Datasheet HTML 9Page - Texas Instruments PCM1753 Datasheet HTML 10Page - Texas Instruments PCM1753 Datasheet HTML 11Page - Texas Instruments PCM1753 Datasheet HTML 12Page - Texas Instruments PCM1753 Datasheet HTML 13Page - Texas Instruments PCM1753 Datasheet HTML 14Page - Texas Instruments PCM1753 Datasheet HTML 15Page - Texas Instruments PCM1753 Datasheet HTML 16Page - Texas Instruments PCM1753 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 41 page
background image
Reset
Reset Removal
1024 System Clocks
VCC
3.7 V (Max)
3.0 V (Typ)
2.2 V (Min)
Internal Reset
System Clock
Don’t Care
t(SCKH)
t(SCY)
System Clock (SCK)
t(SCKL)
2.0 V
0.8 V
H
L
13
PCM1753, PCM1754, PCM1755
www.ti.com
SLES092E – APRIL 2003 – REVISED JULY 2019
Product Folder Links: PCM1753 PCM1754 PCM1755
Submit Documentation Feedback
Copyright © 2003–2019, Texas Instruments Incorporated
Feature Description (continued)
(1)
This system clock rate is not supported for the given sampling frequency.
Table 1. System Clock Rates for Common Audio Sampling Frequencies
SAMPLING
FREQUENCY
SYSTEM CLOCK FREQUENCY (fSCLK) (MHz)
128 fS
192 fS
256 fS
384 fS
512 fS
768 fS
1152 fS
8 kHz
1.024
1.536
2.048
3.072
4.096
6.144
9.216
16 kHz
2.048
3.072
4.096
6.144
8.192
12.288
18.432
32 kHz
4.096
6.144
8.192
12.288
16.384
24.576
36.864
44.1 kHz
5.6448
8.4672
11.2896
16.9344
22.5792
33.8688
(1)
48 kHz
6.144
9.216
12.288
18.432
24.576
36.864
(1)
88.2 kHz
11.2896
16.9344
22.5792
33.8688
45.1584
(1)
(1)
96 kHz
12.288
18.432
24.576
36.864
49.152
(1)
(1)
192 kHz
24.576
36.864
(1)
(1)
(1)
(1)
(1)
Figure 20. System Clock Input Timing
8.3.1.2 Power-On Reset Functions
The PCM175x devices include a power-on reset function. Figure 21 shows the operation of this function. With the
system clock active and VCC > 3 V (typical, 2.2 V to 3.7 V), the power-on reset function is enabled. The
initialization sequence requires 1024 system clocks from the time VCC > 3 V (typical, 2.2 V to 3.7 V).
During the reset period (1024 system clocks), the analog output is forced to the bipolar zero level, or VCC/2. After
the reset period, an internal register is initialized in the next 1/fS period and if SCK, BCK, and LRCK are provided
continuously, the PCM175x devices provide proper analog output with unit group delay against the input data.
Figure 21. Power-On Reset Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com