Electronic Components Datasheet Search
  English  ▼

X  

PCM1753 Datasheet(PDF) 24 Page - Texas Instruments

Part # PCM1753
Description  PCM175x 24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio, Digital-to-Analog Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1753 Datasheet(HTML) 24 Page - Texas Instruments

Back Button PCM1753 Datasheet HTML 20Page - Texas Instruments PCM1753 Datasheet HTML 21Page - Texas Instruments PCM1753 Datasheet HTML 22Page - Texas Instruments PCM1753 Datasheet HTML 23Page - Texas Instruments PCM1753 Datasheet HTML 24Page - Texas Instruments PCM1753 Datasheet HTML 25Page - Texas Instruments PCM1753 Datasheet HTML 26Page - Texas Instruments PCM1753 Datasheet HTML 27Page - Texas Instruments PCM1753 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 41 page
background image
BCK
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
DATA
LRCK
DGND
NC
VCC
VOUTL
VOUTR
SCK
AGND
FMT
MUTE
DEMP
TEST
VCOM
ZEROA
10 µF
Post LPF
10 µF
PCM1754
+5 V
+
L-Ch Out
PCM Audio Data
Post LPF
R-Ch Out
System Clock
Zero Mute Control
Format
MUTE On/Off
DEMP On/Off
10 µF
10 µF
24
PCM1753, PCM1754, PCM1755
SLES092E – APRIL 2003 – REVISED JULY 2019
www.ti.com
Product Folder Links: PCM1753 PCM1754 PCM1755
Submit Documentation Feedback
Copyright © 2003–2019, Texas Instruments Incorporated
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
The delta-sigma section of the PCM175x device is based on an 8-level amplitude quantizer and a 4th-order noise
shaper. This section converts the oversampled input data to 8-level delta-sigma format. A block diagram of the 8-
level delta-sigma modulator is shown in Figure 32. This 8-level delta-sigma modulator has the advantage of
stability and clock jitter sensitivity over the typical one-bit (2-level) delta-sigma modulator.
The combined oversampling rate of the delta-sigma modulator and the interpolation filter is 64 fS.
The theoretical quantization noise performance of the 8-level delta-sigma modulator is shown in Figure 35 and
Figure 36. The enhanced multilevel delta-sigma architecture also has advantages for input clock jitter sensitivity
due to the multilevel quantizer, with the simulated jitter sensitivity shown in Figure 37.
The PCM175X devices are suitable for a wide variety of cost-sensitive consumer applications requiring good
performance and operation with a single 5-V supply.
9.2 Typical Application
A basic connection diagram is shown in Figure 30, with the necessary power supply bypassing and decoupling
components. TI recommends using the component values shown in Figure 30 for all designs.
The use of series resistors (22 Ω to 100 Ω) is recommended for the SCK, LRCK, BCK, and DATA inputs. The
series resistor combines with the stray PCB and device input capacitance to form a low-pass filter, which reduces
high-frequency noise emissions and helps to dampen glitches and ringing present on clock and data lines.
For this design example, use the parameters listed in Table 7.
Figure 30. Basic Connection Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com