Electronic Components Datasheet Search
  English  ▼

X  

PCM1753 Datasheet(PDF) 6 Page - Texas Instruments

Part # PCM1753
Description  PCM175x 24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio, Digital-to-Analog Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1753 Datasheet(HTML) 6 Page - Texas Instruments

Back Button PCM1753 Datasheet HTML 2Page - Texas Instruments PCM1753 Datasheet HTML 3Page - Texas Instruments PCM1753 Datasheet HTML 4Page - Texas Instruments PCM1753 Datasheet HTML 5Page - Texas Instruments PCM1753 Datasheet HTML 6Page - Texas Instruments PCM1753 Datasheet HTML 7Page - Texas Instruments PCM1753 Datasheet HTML 8Page - Texas Instruments PCM1753 Datasheet HTML 9Page - Texas Instruments PCM1753 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 41 page
background image
6
PCM1753, PCM1754, PCM1755
SLES092E – APRIL 2003 – REVISED JULY 2019
www.ti.com
Product Folder Links: PCM1753 PCM1754 PCM1755
Submit Documentation Feedback
Copyright © 2003–2019, Texas Instruments Incorporated
Electrical Characteristics (continued)
all specifications at TA = 25°C, VCC = 5 V, fS = 44.1 kHz, system clock = 384 fS, and 24-bit data (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ANALOG OUTPUT
Output voltage
Full scale (0 dB)
80% of
VCC
VPP
Center voltage
50% of
VCC
VDC
Load impedance
AC-coupled load
5
kΩ
DIGITAL FILTER PERFORMANCE
FILTER CHARACTERISTICS (SHARP ROLLOFF)
Pass band
±0.04 dB
0.454 fS
Stop band
0.546 fs
Pass-band ripple
±0.04
dB
Stop-band attenuation
Stop band = 0.546 fS
–50
dB
ANALOG FILTER PERFORMANCE
Frequency response
At 20 kHz
–0.03
dB
At 44 kHz
–0.2
POWER SUPPLY REQUIREMENTS(2)
ICC
Supply current
fS = 44.1 kHz
16
21
mA
fS = 96 kHz
25
fS = 192 kHz
30
Power dissipation
fS = 44.1 kHz
80
105
mW
fS = 96 kHz
125
fS = 192 kHz
150
TEMPERATURE
RθJA
Thermal Resistance
16-pin DBQ
104.1
°C/W
(1)
1/128 fS, 1/256 fS, 1/384 fS, 1/512 fS, 1/768 fS, or 1/1152 fS.
7.6 System Clock Input Timing
for more information, see the System Clock Input section
MIN
NOM
MAX
UNIT
t(SCKH)
System clock pulse duration, high
See Figure 20.
7
ns
t(SCKL)
System clock pulse duration, low
7
ns
t(SCY)
System clock pulse cycle time
See (1)
ns
(1)
fS is the sampling frequency (for example, 44.1 kHz, 48 kHz, 96 kHz, and so on).
7.7 Audio Interface Timing
for more information, see the Audio Data Formats and Timing section
MIN
MAX
UNIT
t(BCY)
BCK pulse cycle time
See Figure 22.
1/(32 fS)
1/(48 fS)
1/(64 fS)
(1)
t(BCH)
BCK high–level time
35
ns
t(BCL)
BCK low–level time
35
ns
t(BL)
BCK rising edge to LRCK edge
10
ns
t(LB)
LRCK falling edge to BCK rising
edge
10
ns
t(DS)
DATA setup time
10
ns
t(DH)
DATA hold time
10
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com