Electronic Components Datasheet Search
  English  ▼

X  

PCM1753 Datasheet(PDF) 3 Page - Texas Instruments

Part # PCM1753
Description  PCM175x 24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio, Digital-to-Analog Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1753 Datasheet(HTML) 3 Page - Texas Instruments

  PCM1753 Datasheet HTML 1Page - Texas Instruments PCM1753 Datasheet HTML 2Page - Texas Instruments PCM1753 Datasheet HTML 3Page - Texas Instruments PCM1753 Datasheet HTML 4Page - Texas Instruments PCM1753 Datasheet HTML 5Page - Texas Instruments PCM1753 Datasheet HTML 6Page - Texas Instruments PCM1753 Datasheet HTML 7Page - Texas Instruments PCM1753 Datasheet HTML 8Page - Texas Instruments PCM1753 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 41 page
background image
SCK
FMT
MUTE
DEMP
TEST
ZEROA
V
COM
15
14
13
12
11
10
DATA
LRCK
DGND
NC
V
CC
V
L
OUT
1
2
3
4
5
6
7
8
16
9
BCK
AGND
V
R
OUT
SCK
ML
MC
MD
ZEROL/NA
ZEROR/ZEROA
V
COM
15
14
13
12
11
10
DATA
LRCK
DGND
NC
V
CC
V
L
OUT
1
2
3
4
5
6
7
8
16
9
BCK
AGND
V
R
OUT
3
PCM1753, PCM1754, PCM1755
www.ti.com
SLES092E – APRIL 2003 – REVISED JULY 2019
Product Folder Links: PCM1753 PCM1754 PCM1755
Submit Documentation Feedback
Copyright © 2003–2019, Texas Instruments Incorporated
5 Device Comparison Table
FEATURE
PCM1753, PCM1755
PCM1754
Audio data interface format
I2S, standard, left-justified
I2S, standard
Audio data bit length
16-bit, 18-bit, 20-bit, and 24-bit selectable
16-bit and 24-bit I2S, 16-bit standard
Audio data format
MSB first, 2's complement
6 Pin Configuration and Functions
PCM1753, PCM1755 DBQ Package
16-Pin SSOP
Top View
PCM1754 DBQ Package
16-Pin SSOP
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
PCM1753,
PCM1755
PCM1754
AGND
9
9
—
Analog ground
BCK
1
1
I
Audio-data bit-clock input
DATA
2
2
I
Audio-data digital input
DEMP
-
13
I
De-emphasis control
DGND
4
4
—
Digital ground
FMT
-
15
I
Data format select
LRCK
3
3
I
L-channel and R-channel audio data latch enable input
MC
14
-
I
Mode control clock input
MD
13
-
I
Mode control data input
ML
15
-
I
Mode control latch input
MUTE
-
14
I
Analog mixing control
NC
5
5
—
No connection
SCK
16
16
I
System clock input
TEST
-
12
I
Test pin, ground or open
VCC
6
6
—
Analog power supply, 5 V
VCOM
10
10
—
Common voltage decoupling
VOUTL
7
7
O
Analog output for L-channel
VOUTR
8
8
O
Analog output for R-channel
ZEROR/ZEROA
11
11
O
Zero flag output for R-channel / Zero flag output for L-/R-channel.
Open-drain output for PCM1755.
ZEROL/NA
12
-
O
Zero flag output for L-channel / Not assigned.
Open-drain output for PCM1755.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com