| Electronic Components Datasheet Search |
|
PCM1753 Datasheet(PDF) 12 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
PCM1753 Datasheet(HTML) 12 Page - Texas Instruments |
|
12 / 41 page ![]() Power Supply Multilevel Delta-Sigma Modulator VOUTL 4x/8x Oversampling Digital Filter and Function Control Audio Serial Port BCK LRCK DATA Serial Control Port Zero Detect TEST SCK System Clock Manager MUTE FMT Output Amp and Low-Pass Filter DEMP DAC VCOM System Clock Output Amp and Low-Pass Filter DAC VOUTR Enhanced 12 PCM1753, PCM1754, PCM1755 SLES092E – APRIL 2003 – REVISED JULY 2019 www.ti.com Product Folder Links: PCM1753 PCM1754 PCM1755 Submit Documentation Feedback Copyright © 2003–2019, Texas Instruments Incorporated 8 Detailed Description 8.1 Overview The PCM175x devices are stereo digital-to-analog converters (DACs) based on TI's enhanced delta-sigma architecture which employ 4th-order noise shaping and 8-level amplitude quantization to achieve excellent dynamic performance and improved clock jitter tolerance. The PCM175x devices easily interface with audio DSP and decoder chips because of the devices' support of industry-standard audio data formats with 16- and 24-bit data. The PCM175x devices can be controlled in a hardware mode, or a full set of user-programmable functions is accessible through a three-wire serial control port, which supports register-write functions. 8.2 Functional Block Diagram 8.3 Feature Description 8.3.1 System Clock and Reset Functions 8.3.1.1 System Clock Input The PCM175x devices require a system clock for operating the digital interpolation filters and multilevel delta- sigma modulators. The system clock is applied at the SCK input (pin 16). Table 1 lists examples of system clock frequencies for common audio sampling rates. Figure 20 shows and the System Clock Input Timing table lists he timing requirements for the system clock input. For optimal performance, use a clock source with low phase-jitter and noise. TI's PLL170x family of multiclock generators is an excellent choice for providing the PCM175x system clock. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |