Electronic Components Datasheet Search
  English  ▼

X  

PCM1753 Datasheet(PDF) 1 Page - Texas Instruments

Part # PCM1753
Description  PCM175x 24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio, Digital-to-Analog Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1753 Datasheet(HTML) 1 Page - Texas Instruments

  PCM1753 Datasheet HTML 1Page - Texas Instruments PCM1753 Datasheet HTML 2Page - Texas Instruments PCM1753 Datasheet HTML 3Page - Texas Instruments PCM1753 Datasheet HTML 4Page - Texas Instruments PCM1753 Datasheet HTML 5Page - Texas Instruments PCM1753 Datasheet HTML 6Page - Texas Instruments PCM1753 Datasheet HTML 7Page - Texas Instruments PCM1753 Datasheet HTML 8Page - Texas Instruments PCM1753 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
Enhanced
Multilevel
Delta-Sigma
Modulator
Power Supply
VOUTL
4x/8x
Oversampling
Digital Filter
and Function
Control
Audio
Serial
Port
BCK
LRCK
DA TA
Output Amp
And
Low-Pass Filter
System
Clock Manager
TEST
SCK
Zero Detect
MUTE
FMT
Serial
Control
Port
DEMP
DAC
VCOM
System C lock
Output Amp
And
Low-Pass Filter
DAC
VOUTR
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
PCM1753, PCM1754, PCM1755
SLES092E – APRIL 2003 – REVISED JULY 2019
PCM175x 24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio,
Digital-to-Analog Converter
1
1 Features
1
•
24-bit resolution
•
Analog performance (VCC = 5 V)
–
Dynamic range: 106 dB
–
SNR: 106 dB, typical
–
THD+N: 0.002%, typical
–
Full-scale output: 4 VPP, typical
•
4× or 8× oversampling digital filter
–
Stop-band attenuation: –50 dB
–
Pass-band ripple: ±0.04 dB
•
Sampling frequency: 5 kHz to 200 kHz
•
System clock: 128 fS, 192 fS, 256 fS, 384 fS, 512
fS, 768 fS, 1152 fS with auto detect
•
Hardware control (PCM1754)
–
I2S and 16-bit word, right-justified
–
44.1 kHz digital de-emphasis
–
Soft mute
–
Zero flag for L-, R-channel common output
•
Power supply: 5-V single supply
•
Small 16-lead SSOP package, lead-free
2 Applications
•
A/V receivers
•
HDTV receivers
•
Car audio systems
•
Applications requiring 24-bit audio
3 Description
The PCM1753, PCM1754, and PCM1755 (PCM175x)
devices
are
stereo
digital-to-analog
converters
(DACs)
based
on
TI's
enhanced
delta-sigma
architecture. This enhanced architecture employs 4th-
order
noise
shaping
and
8-level
amplitude
quantization
to
achieve
excellent
dynamic
performance and improved clock jitter tolerance. The
PCM175x devices easily interface with audio DSP
and decoder chips because of the devices support of
industry-standard audio data formats with 16-bit and
24-bit data. The PCM175x devices can be controlled
in a hardware mode, or through a full set of user-
programmable functions that are accessible through a
three-wire serial control port that supports register-
write functions.
The PCM1753 is pin compatible with the PCM1748,
PCM1742, and PCM1741, except for pin 5.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
PCM1753
SSOP (16)
3.90 mm × 4.90 mm
PCM1754
PCM1755
(1) For all available packages, see the package option addendum
at the end of the data sheet.
Functional Block Diagram


Similar Part No. - PCM1753

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM1753 BURR-BROWN-PCM1753 Datasheet
309Kb / 33P
24-BIT, 192 kHz SAMPLING ENHANCED MULTI-LEVEL, DELTA-SIGMA, AUDIO DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
PCM1753 TI1-PCM1753 Datasheet
1Mb / 38P
Multi-Level Delta-Sigma Audio Digital-to- Analog Converter
PCM1753-Q1 TI1-PCM1753-Q1 Datasheet
1Mb / 38P
Audio Digital-to-Analog Converter
logo
Burr-Brown (TI)
PCM1753DBQ BURR-BROWN-PCM1753DBQ Datasheet
309Kb / 33P
24-BIT, 192 kHz SAMPLING ENHANCED MULTI-LEVEL, DELTA-SIGMA, AUDIO DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
PCM1753DBQ TI1-PCM1753DBQ Datasheet
1Mb / 38P
Multi-Level Delta-Sigma Audio Digital-to- Analog Converter
More results

Similar Description - PCM1753

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM1606 BURR-BROWN-PCM1606 Datasheet
385Kb / 27P
24-BIT, 192-kHz SAMPLING, 6-CHANNEL, ENHANCED MULTILEVEL, DELTA-SIGMA DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
PCM1680 TI-PCM1680 Datasheet
427Kb / 33P
24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
PCM1780 TI-PCM1780 Datasheet
439Kb / 31P
24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
PCM1609A TI-PCM1609A Datasheet
555Kb / 43P
24-BIT, 192-kHz SAMPLING, 8-CHANNEL, ENHANCED MULTILEVEL, DELTA-SIGMA DIGITAL-TO-ANALOG CONVERTER
PCM1681 TI-PCM1681 Datasheet
1Mb / 43P
24-Bit, 192-kHz Sampling, Enhanced Multilevel Delta-Sigma, Eight-Channel Audio Digital-to-Analog Converter
PCM1602A TI1-PCM1602A Datasheet
678Kb / 45P
24-Bit, 192-kHz Sampling, 6-Channel, Enhanced Multilevel, Delta-Sigma Digital-to-Analog Converter
PCM1742KE TI-PCM1742KE Datasheet
788Kb / 39P
24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
PCM1681PWPR TI1-PCM1681PWPR Datasheet
1Mb / 43P
24-Bit, 192-kHz Sampling, Enhanced Multilevel Delta-Sigma, Eight-Channel Audio Digital-to-Analog Converter
PCM1680 TI-PCM1680_15 Datasheet
730Kb / 39P
24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
PCM1742 TI-PCM1742_15 Datasheet
673Kb / 38P
24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma,Audio Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com