Electronic Components Datasheet Search
  English  ▼

X  

PCM1753 Datasheet(PDF) 5 Page - Texas Instruments

Part # PCM1753
Description  PCM175x 24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio, Digital-to-Analog Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1753 Datasheet(HTML) 5 Page - Texas Instruments

  PCM1753 Datasheet HTML 1Page - Texas Instruments PCM1753 Datasheet HTML 2Page - Texas Instruments PCM1753 Datasheet HTML 3Page - Texas Instruments PCM1753 Datasheet HTML 4Page - Texas Instruments PCM1753 Datasheet HTML 5Page - Texas Instruments PCM1753 Datasheet HTML 6Page - Texas Instruments PCM1753 Datasheet HTML 7Page - Texas Instruments PCM1753 Datasheet HTML 8Page - Texas Instruments PCM1753 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 41 page
background image
5
PCM1753, PCM1754, PCM1755
www.ti.com
SLES092E – APRIL 2003 – REVISED JULY 2019
Product Folder Links: PCM1753 PCM1754 PCM1755
Submit Documentation Feedback
Copyright © 2003–2019, Texas Instruments Incorporated
(1)
Analog performance specifications are measured using the System Two™ Cascade audio measurement system by Audio Precision™ in
the averaging mode.
(2)
Conditions in 192-kHz operation are system clock = 128 fS and oversampling rate = 64 fS of register 18.
7.5 Electrical Characteristics
all specifications at TA = 25°C, VCC = 5 V, fS = 44.1 kHz, system clock = 384 fS, and 24-bit data (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Resolution
24
Bits
DATA FORMAT
fS
Sampling frequency
5
200
kHz
System clock frequency
128 fS
192 fS
256 fS
384 fS
512 fS
768 fS
1152 fS
kHz
DIGITAL INPUT/OUTPUT
Logic family
TTL compatible
VIH
Input logic level, high
2
VDC
VIL
Input logic level, low
0.8
VDC
IIH
Input logic current, high (SCK, BCK, DATA,
and LRCK pins)
VIN = VCC
10
µA
IIL
Input logic current, low (SCK, BCK, DATA,
and LRCK pins)
VIN = 0 V
-10
µA
IIH
Input logic current, high (TEST, DEMP,
MUTE, and FMT pins)
VIN = VCC
65
100
µA
IIL
Input logic current, low (TEST, DEMP,
MUTE, and FMT pins)
VIN = 0 V
-10
µA
VOH
Output logic level, high (ZEROA pin)
IOH = –1 mA
2.4
VDC
VOL
Output logic level, low (ZEROA pin)
IOL = 1 mA
0.4
VDC
DYNAMIC PERFORMANCE(1)(2)
THD+N at VOUT = 0 dB
fS = 44.1 kHz
0%
0.01%
fS = 96 kHz
0%
fS = 192 kHz
0%
THD+N at VOUT = -60 dB
fS = 44.1 kHz
0.65%
fS = 96 kHz
0.80%
fS = 192 kHz
0.95%
Dynamic range
EIAJ, A-weighted, fS = 44.1 kHz
100
106
dB
A-weighted, fS = 96 kHz
104
A-weighted, fS = 192 kHz
102
Signal-to-noise ratio
EIAJ, A-weighted, fS = 44.1 kHz
100
106
dB
A-weighted, fS = 96 kHz
104
A-weighted, fS = 192 kHz
102
Channel separation
fS = 44.1 kHz
97
103
dB
fS = 96 kHz
101
fS = 192 kHz
100
Level linearity error
VOUT = -90 dB
±0.5
dB
DC ACCURACY
Gain error
±1
±6
% of
FSR
Gain mismatch, channel-to-channel
±1
±3
% of
FSR
Bipolar zero error
VOUT = 0.5 VCC at BPZ
±30
±60
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com