Electronic Components Datasheet Search
  English  ▼

X  

PCM1840 Datasheet(PDF) 29 Page - Texas Instruments

Part # PCM1840
Description  PCM1840 Quad Channel, 32-Bit, 192-kHz, Burr-BrownTM Audio ADC
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1840 Datasheet(HTML) 29 Page - Texas Instruments

Back Button PCM1840 Datasheet HTML 25Page - Texas Instruments PCM1840 Datasheet HTML 26Page - Texas Instruments PCM1840 Datasheet HTML 27Page - Texas Instruments PCM1840 Datasheet HTML 28Page - Texas Instruments PCM1840 Datasheet HTML 29Page - Texas Instruments PCM1840 Datasheet HTML 30Page - Texas Instruments PCM1840 Datasheet HTML 31Page - Texas Instruments PCM1840 Datasheet HTML 32Page - Texas Instruments PCM1840 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 41 page
background image
Frequency (Hz)
20
50
100
500
1000
5000
10000
20000
-200
-180
-160
-140
-120
-100
-80
-60
-40
-20
0
D212
Channel-1 : DRE disabled
Channel-2 : DRE disabled
Channel-3 : DRE disabled
Channel-4 : DRE disabled
Input Amplitude (dB)
-130
-115
-100
-85
-70
-55
-40
-25
-10
0
-130
-120
-110
-100
-90
-80
-70
-60
THD+
D202
Channel-1 : DRE disabled
Channel-2 : DRE disabled
Channel-3 : DRE disabled
Channel-4 : DRE disabled
Frequency (Hz)
20
50
100
500
1000
5000
10000
20000
-200
-180
-160
-140
-120
-100
-80
-60
-40
-20
0
D212
Channel-1 : DRE enabled
Channel-2 : DRE enabled
Channel-3 : DRE enabled
Channel-4 : DRE enabled
Input Amplitude (dB)
-130
-115
-100
-85
-70
-55
-40
-25
-10
0
-130
-120
-110
-100
-90
-80
-70
-60
THD+
D202
Channel-1 : DRE enabled
Channel-2 : DRE enabled
Channel-3 : DRE enabled
Channel-4 : DRE enabled
29
PCM1840
www.ti.com
SBAS989 – APRIL 2019
Product Folder Links: PCM1840
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
8.2.3 Application Curves
Measurements are done on the EVM by feeding the device analog input signal using audio precision and with a
3.3-V AVDD supply.
Figure 49. FFT With a –60-dBr Input With DRE Enabled
Figure 50. THD+N vs Input Amplitude With DRE Enabled
Figure 51. FFT With a –60-dBr Input With DRE Disabled
Figure 52. THD+N vs Input Amplitude With DRE Disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com