Electronic Components Datasheet Search
  English  ▼

X  

PCM1840 Datasheet(PDF) 10 Page - Texas Instruments

Part # PCM1840
Description  PCM1840 Quad Channel, 32-Bit, 192-kHz, Burr-BrownTM Audio ADC
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1840 Datasheet(HTML) 10 Page - Texas Instruments

Back Button PCM1840 Datasheet HTML 6Page - Texas Instruments PCM1840 Datasheet HTML 7Page - Texas Instruments PCM1840 Datasheet HTML 8Page - Texas Instruments PCM1840 Datasheet HTML 9Page - Texas Instruments PCM1840 Datasheet HTML 10Page - Texas Instruments PCM1840 Datasheet HTML 11Page - Texas Instruments PCM1840 Datasheet HTML 12Page - Texas Instruments PCM1840 Datasheet HTML 13Page - Texas Instruments PCM1840 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 41 page
background image
DRE
Amplifier
ADC
Channel-1
Digital Filters
(Linear-Phase and
Low-Latency LPF)
and
Dynamic Range
Enhancer (DRE)
Audio Serial
Interface (TDM,
I
2S, LJ)
Audio Clock
Generation
PLL
(Input Clock
Source - BCLK,
MD1)
Hardware Pin Control
Interface
BCLK
FSYNC
SDOUT
IN1M
IN1P
IN2M
IN2P
IN3M
IN3P
IN4M
IN4P
DRE
Amplifier
ADC
Channel-2
DRE
Amplifier
ADC
Channel-3
DRE
Amplifier
ADC
Channel-4
Microphone
Bias
MICBIAS
SHDNZ
Regulators, Current Bias and
Voltage Reference
10
PCM1840
SBAS989 – APRIL 2019
www.ti.com
Product Folder Links: PCM1840
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The PCM1840 is a high-performance, low-power, quad-channel, audio analog-to-digital converter (ADC) with
flexible audio interface control options. This device is intended for applications in voice-activated systems, AV
receivers, TV and blu-ray players, professional microphones, audio conferencing, portable computing,
communication, and entertainment applications. The high dynamic range of the device enables far-field audio
recording with high fidelity. This device integrates a host of features that reduces cost, board space, and power
consumption in space-constrained, battery-powered, consumer, home, and industrial applications. The device
features are controlled through hardware by pulling pins high or low with resistors or a controller GPIO. The
PCM1808 also supports a power-down and reset function by means of halting the system clock.
The PCM1840 consists of the following blocks and features:
•
Quad-channel, multibit, high-performance delta-sigma (ΔΣ) ADC
•
Differential audio inputs with a 2-VRMS full-scale signal
•
Low-noise, 1.6-µVRMS, microphone bias output
•
Hardware pin control operation to select the device features
•
Audio bus serial interface master or slave select option
•
Audio bus serial interface format select option
•
Audio bus serial interface supported up to 192 kHz sampling
•
Slave mode supports dynamic range enhancer (DRE) with 123-dB dynamic range
•
Slave mode supports decimation filters with linear-phase or low-latency filter selection
•
Master mode operation supported using system clock of 256 × fS or 512 × fS
•
Power-down function by means of halting the audio clocks
•
Integrated high-pass filter (HPF) that removes the dc component of the input signal
•
Integrated low-jitter phase-locked loop (PLL) supporting a wide range of system clocks
•
Integrated digital and analog voltage regulators to support single-supply 3.3-V operation
7.2 Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com