Electronic Components Datasheet Search
  English  ▼

X  

PCM1840 Datasheet(PDF) 1 Page - Texas Instruments

Part # PCM1840
Description  PCM1840 Quad Channel, 32-Bit, 192-kHz, Burr-BrownTM Audio ADC
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1840 Datasheet(HTML) 1 Page - Texas Instruments

  PCM1840 Datasheet HTML 1Page - Texas Instruments PCM1840 Datasheet HTML 2Page - Texas Instruments PCM1840 Datasheet HTML 3Page - Texas Instruments PCM1840 Datasheet HTML 4Page - Texas Instruments PCM1840 Datasheet HTML 5Page - Texas Instruments PCM1840 Datasheet HTML 6Page - Texas Instruments PCM1840 Datasheet HTML 7Page - Texas Instruments PCM1840 Datasheet HTML 8Page - Texas Instruments PCM1840 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
Audio Serial
Interface
(TDM, I
2S, LJ)
PLL and Clock Generation
Hardware Pin
Control
Interface
MICBIAS, Regulators and Voltage
Reference
Configurable
Digital Filters,
and DRE
Quad Channel
ADC with
Front-End DRE
Amplifier
IN1P
IN1M
IN2P
IN2M
IN3P
IN3M
IN4P
IN4M
MICBIAS
VREF
FSYNC
BCLK
SDOUT
MSZ
SHDNZ
FMT0
FMT1
MD0
MD1
AREG
DREG
AVSS
Thermal Pad
(VSS)
AVDD
IOVDD
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
PCM1840
SBAS989 – APRIL 2019
PCM1840 Quad Channel, 32-Bit, 192-kHz, Burr-BrownTM Audio ADC
1
1 Features
1
•
Multichannel high-performance ADC:
–
4-channel analog microphones or line-in
•
ADC line and microphone differential input
performance:
–
Dynamic range:
–
123-dB, dynamic range enhancer enabled
–
113-dB, dynamic range enhancer disabled
–
THD+N: –98 dB
•
ADC differential 2-VRMS full-scale input
•
ADC sample rate (fS) = 8 kHz to 192 kHz
•
Hardware pin control configurations
•
Linear-phase or low-latency filter selection
•
Flexible audio serial data interface:
–
Master or slave interface selection
–
32-bits, 4-channel TDM
–
32-bits, 2-channel TDM
–
32-bits, 2-channel I2S
–
32-bits, 2-channel left-justified (LJ)
•
Automatic power-down upon loss of audio clocks
•
Integrated high-performance audio PLL
•
Low-noise MICBIAS 2.75-V output
•
Single-supply operation: 3.3 V
•
I/O-supply operation: 3.3 V or 1.8 V
•
Power consumption for 3.3-V AVDD supply:
–
17.0 mW/channel at 16-kHz sample rate
–
18.4 mW/channel at 48-kHz sample rate
2 Applications
•
Smart speakers
•
DVD recorders and players
•
AV receivers
•
Video conference systems
•
IP network cameras
3 Description
The PCM1840 is a high-performance, Burr-Brown™
audio analog-to-digital converter (ADC) that supports
simultaneous sampling of up to four analog channels.
The device supports differential line and microphone
inputs with 2-VRMS full-scale signal. The device
integrates microphone bias voltage, a phase-locked
loop (PLL), a DC removal high-pass filter (HPF), and
supports sample rates up to 192 kHz. The device
supports time-division multiplexing (TDM), I2S, or left-
justified (LJ) audio formats, selectable with the
hardware
pin
level.
Additionally,
the
PCM1840
supports master and slave mode selection for the
audio bus interface operation. These integrated high-
performance features, along with the ability to be
powered from a single supply of 3.3 V, make the
device an excellent choice for cost-sensitive, space-
constrained audio systems in far-field microphone
recording applications.
The PCM1840 is specified from –40°C to +125°C,
and is offered in a 24-pin WQFN package.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
PCM1840
WQFN (24)
4.00 mm × 4.00 mm with
0.5-mm pitch
(1) For all available packages, see the package option addendum
at the end of the data sheet.
Simplified Block Diagram


Similar Part No. - PCM1840

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1840 TI1-PCM1840 Datasheet
1Mb / 34P
PCM1840 Quad Channel, 32-Bit, 192-kHz, Burr-BrownTM Audio ADC
PCM1840IRTWR TI1-PCM1840IRTWR Datasheet
1Mb / 34P
PCM1840 Quad Channel, 32-Bit, 192-kHz, Burr-BrownTM Audio ADC
PCM1840IRTWT TI1-PCM1840IRTWT Datasheet
1Mb / 34P
PCM1840 Quad Channel, 32-Bit, 192-kHz, Burr-BrownTM Audio ADC
More results

Similar Description - PCM1840

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320ADC3140 TI1-TLV320ADC3140_V01 Datasheet
3Mb / 120P
TLV320ADC3140 Quad-Channel, 768-kHz, Burr-BrownTM Audio ADC
TLV320ADC3140 TI1-TLV320ADC3140_V02 Datasheet
3Mb / 123P
TLV320ADC3140 Quad-Channel, 768-kHz, Burr-BrownTM Audio ADC
PCM1840 TI1-PCM1840 Datasheet
1Mb / 34P
PCM1840 Quad Channel, 32-Bit, 192-kHz, Burr-BrownTM Audio ADC
PCM1820 TI-PCM1820 Datasheet
2Mb / 40P
PCM182x Stereo Channel, 32-Bit, 192-kHz, Burr-BrownTM Audio ADC
PCM1820 TI-PCM1820_V01 Datasheet
3Mb / 41P
PCM182x Stereo Channel, 32-Bit, 192-kHz, Burr-BrownTM Audio ADC
PCM1820 TI-PCM1820_V02 Datasheet
3Mb / 41P
PCM182x Stereo Channel, 32-Bit, 192-kHz, Burr-BrownTM Audio ADC
REVISED JUNE 2021
PCM1822-Q1 TI-PCM1822-Q1 Datasheet
3Mb / 43P
PCM1822-Q1 Stereo Channel, 32-Bit, 192-kHz, Burr-BrownTM Audio ADC
APRIL 2022
PCM1822 TI-PCM1822 Datasheet
2Mb / 41P
PCM1822 Stereo Channel, 32-Bit, 192-kHz, Burr-BrownTM Audio ADC
MAY 2022
PCM1820-Q1 TI-PCM1820-Q1_V01 Datasheet
3Mb / 44P
PCM182(0/1)-Q1 Stereo Channel, 32-Bit, 192-kHz, Burr-BrownTM Audio ADC
REVISED SEPTEMBER 2022
PCM1822-Q1 TI-PCM1822-Q1_V01 Datasheet
3Mb / 44P
PCM1822-Q1 Stereo Channel, 32-Bit, 192-kHz, Burr-BrownTM Audio ADC
REVISED SEPTEMBER 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com