Electronic Components Datasheet Search
  English  ▼

X  

PCM1840 Datasheet(PDF) 5 Page - Texas Instruments

Part # PCM1840
Description  PCM1840 Quad Channel, 32-Bit, 192-kHz, Burr-BrownTM Audio ADC
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1840 Datasheet(HTML) 5 Page - Texas Instruments

  PCM1840 Datasheet HTML 1Page - Texas Instruments PCM1840 Datasheet HTML 2Page - Texas Instruments PCM1840 Datasheet HTML 3Page - Texas Instruments PCM1840 Datasheet HTML 4Page - Texas Instruments PCM1840 Datasheet HTML 5Page - Texas Instruments PCM1840 Datasheet HTML 6Page - Texas Instruments PCM1840 Datasheet HTML 7Page - Texas Instruments PCM1840 Datasheet HTML 8Page - Texas Instruments PCM1840 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 41 page
background image
5
PCM1840
www.ti.com
SBAS989 – APRIL 2019
Product Folder Links: PCM1840
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.4 Thermal Information
THERMAL METRIC(1)
PCM1840
UNIT
RTW (WQFN)
24 PINS
RθJA
Junction-to-ambient thermal resistance
32.6
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
25.0
°C/W
RθJB
Junction-to-board thermal resistance
11.9
°C/W
ψJT
Junction-to-top characterization parameter
0.2
°C/W
ψJB
Junction-to-board characterization parameter
11.9
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
2.9
°C/W
(1)
Ratio of output level with 1-kHz full-scale sine-wave input, to the output level with the AC signal input shorted to ground, measured A-
weighted over a 20-Hz to 20-kHz bandwidth using an audio analyzer.
(2)
All performance measurements done with 20-kHz low-pass filter and, where noted, A-weighted filter. Failure to use such a filter may
result in higher THD and lower SNR and dynamic range readings than shown in the Electrical Characteristics. The low-pass filter
removes out-of-band noise, which, although not audible, may affect dynamic specification values.
(3)
For best distortion performance, use input AC-coupling capacitors with low-voltage-coefficient.
6.5 Electrical Characteristics
at TA = 25°C, AVDD = 3.3 V, IOVDD = 3.3 V, fIN = 1-kHz sinusoidal signal, fS = 48 kHz, 32-bit audio data, BCLK = 256 × fS,
TDM slave mode (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ADC CONFIGURATION
AC input impedance
Input pins INxP or INxM
2.5
kΩ
ADC PERFORMANCE FOR LINE/MICROPHONE INPUT RECORDING : AVDD 3.3-V OPERATION
Differential input full-scale
AC signal voltage
AC-coupled input
2
VRMS
SNR
Signal-to-noise ratio, A-
weighted(1)(2)
IN1 differential input selected and AC signal shorted to
ground, DRE enabled (DRE_LVL = –36 dB,
DRE_MAXGAIN = 24 dB)
115
122
dB
IN1 differential input selected and AC signal shorted to
ground, DRE disabled
106
112
DR
Dynamic range, A-
weighted(2)
IN1 differential input selected and –60-dB full-scale AC
signal input, DRE enabled (DRE_LVL = –36 dB,
DRE_MAXGAIN = 24 dB)
123
dB
IN1 differential input selected and –60-dB full-scale AC
signal input, DRE disabled
113
THD+N
Total harmonic
distortion(2)(3)
IN1 differential input selected and –1-dB full-scale AC
signal input, DRE enabled (DRE_LVL = –36 dB,
DRE_MAXGAIN = 24 dB)
–98
–80
dB
IN1 differential input selected and –1-dB full-scale AC
signal input, DRE disabled
–98
ADC OTHER PARAMETERS
Output data sample rate
7.35
192
kHz
Output data sample word
length
32
Bits
Interchannel isolation
–1-dB full-scale AC-signal input to non measurement
channel
–124
dB
Interchannel gain
mismatch
–6-dB full-scale AC-signal input
0.1
dB
Gain drift
across temperature range 15°C to 35°C
–4.4
ppm/°C
Interchannel phase
mismatch
1-kHz sinusoidal signal
0.02
Degrees
Phase drift
1-kHz sinusoidal signal, across temperature range 15°C
to 35°C
0.0005
Degrees/°C
PSRR
Power-supply rejection
ratio
100-mVPP, 1-kHz sinusoidal signal on AVDD, differential
input selected, 0-dB channel gain
102
dB
CMRR
Common-mode rejection
ratio
Differential microphone input selected, 100-mVPP, 1-kHz
signal on both pins and measure level at output
60
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com