Electronic Components Datasheet Search
  English  ▼

X  

L99DZ320 Datasheet(PDF) 106 Page - STMicroelectronics

Part # L99DZ320
Description  Automotive rear door device with CAN FD and LIN
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ320 Datasheet(HTML) 106 Page - STMicroelectronics

Back Button L99DZ320 Datasheet HTML 102Page - STMicroelectronics L99DZ320 Datasheet HTML 103Page - STMicroelectronics L99DZ320 Datasheet HTML 104Page - STMicroelectronics L99DZ320 Datasheet HTML 105Page - STMicroelectronics L99DZ320 Datasheet HTML 106Page - STMicroelectronics L99DZ320 Datasheet HTML 107Page - STMicroelectronics L99DZ320 Datasheet HTML 108Page - STMicroelectronics L99DZ320 Datasheet HTML 109Page - STMicroelectronics L99DZ320 Datasheet HTML 110Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 146 page
background image
Table 86. Duty cycle coding for channel PWMx(y)
Duty cycle %
0
0
0
0
0
0
0
0
0
0
OFF
0
0
0
0
0
0
0
0
0
1
1*100/1024
0
0
0
0
0
0
0
0
1
0
2*100/1024
...
1
1
1
1
1
1
1
1
0
1
1021*100/1024
1
1
1
1
1
1
1
1
1
0
1022*100/1024
1
1
1
1
1
1
1
1
1
1
1023*100/1024
Note:
To have a duty cycle equal to 100%, the output configuration shall be set in ON mode.
6.4.6
Control register 10 (0x37)
Table 87. Control register 10
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Bit
name
Reset
value
0
Access
R
RW
Table 88. CR10 signals description
Bit
Name
Description
23:10
RESERVED
-
9
PWM10_FREQ
Select PWM10 frequency
0: fPWM1 = 100 Hz (default)
1: fPWM2 = 200 Hz
8
PWM9_FREQ
Select PWM9 frequency
0: fPWM1 = 100 Hz (default)
1: fPWM2 = 200 Hz
7
PWM8_FREQ
Select PWM8 frequency
0: fPWM1 = 100 Hz (default)
1: fPWM2 = 200 Hz
6
PWM7_FREQ
Select PWM7 frequency
0: fPWM1 = 100 Hz (default)
1: fPWM2 = 200 Hz
L99DZ320
SPI Registers
DS14235 - Rev 5
page 106/146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com