Electronic Components Datasheet Search
  English  ▼

X  

TDP2004 Datasheet(PDF) 15 Page - Texas Instruments

Part # TDP2004
Description  TDP2004-Q1 Automotive Four-Channel 20Gbps DisplayPort 2.1 Linear Redriver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDP2004 Datasheet(HTML) 15 Page - Texas Instruments

Back Button TDP2004 Datasheet HTML 11Page - Texas Instruments TDP2004 Datasheet HTML 12Page - Texas Instruments TDP2004 Datasheet HTML 13Page - Texas Instruments TDP2004 Datasheet HTML 14Page - Texas Instruments TDP2004 Datasheet HTML 15Page - Texas Instruments TDP2004 Datasheet HTML 16Page - Texas Instruments TDP2004 Datasheet HTML 17Page - Texas Instruments TDP2004 Datasheet HTML 18Page - Texas Instruments TDP2004 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 34 page
background image
6.5.2 SMBUS/I2C Register Control Interface
If MODE = L2 (SMBus/I2C Target control mode), then the TDP2004-Q1 is configured through a standard I2C or
SMBus interface that can operate up to 400kHz. The Target address of the TDP2004-Q1 is determined by the
pin strap settings on the ADDR1 and ADDR0 pins. The sixteen possible Target addresses for channels 0-3 are
provided in Table 6-4. In SMBus/I2C modes the SCL and SDA pins must be pulled up to a 3.3V supply with a
pullup resistor. The value of the resistor depends on total bus capacitance. 4.7kΩ is a good first approximation
for a bus capacitance of 10pF.
Table 6-4. SMBUS/I2C Target Address Settings
ADDR1
ADDR0
7-bit Target Address Channels 0-3
L0
L0
0x18
L0
L1
0x1A
L0
L2
0x1C
L0
L3
0x1E
L0
L4
Reserved
L1
L0
0x20
L1
L1
0x22
L1
L2
0x24
L1
L3
0x26
L1
L4
Reserved
L2
L0
0x28
L2
L1
0x2A
L2
L2
0x2C
L2
L3
0x2E
L2
L4
Reserved
L3
L0
0x30
L3
L1
0x32
L3
L2
0x34
L3
L3
0x36
L3
L4
Reserved
The TDP2004-Q1 has two types of registers:
• Shared Registers: these registers can be accessed at any time and are used for device-level configuration,
status read back, control, or to read back the device ID information.
• Channel Registers: these registers are used to control and configure specific features for each individual
channel. All channels have the same register set and can be configured independent of each other or
configured as a group through broadcast writes to Channels 0-3.
Table 6-5. Channel Register Access
Channel Registers Base Address
Channel 0-3 Access
0x00
Channel 0 registers
0x20
Channel 1 registers
0x40
Channel 2 registers
0x60
Channel 3 registers
0x80
Broadcast write channel 0-3 registers, read channel 0 registers
0xA0
Broadcast write channel 0-1 registers, read channel 0 registers
0xC0
Broadcast write channel 2-3 registers, read channel 2 registers
0xE0
Channel 0-3 share registers
www.ti.com
TDP2004-Q1
SNLS787 – SEPTEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
15
Product Folder Links: TDP2004-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com