Electronic Components Datasheet Search
  English  ▼

X  

TDP2004 Datasheet(PDF) 19 Page - Texas Instruments

Part # TDP2004
Description  TDP2004-Q1 Automotive Four-Channel 20Gbps DisplayPort 2.1 Linear Redriver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDP2004 Datasheet(HTML) 19 Page - Texas Instruments

Back Button TDP2004 Datasheet HTML 15Page - Texas Instruments TDP2004 Datasheet HTML 16Page - Texas Instruments TDP2004 Datasheet HTML 17Page - Texas Instruments TDP2004 Datasheet HTML 18Page - Texas Instruments TDP2004 Datasheet HTML 19Page - Texas Instruments TDP2004 Datasheet HTML 20Page - Texas Instruments TDP2004 Datasheet HTML 21Page - Texas Instruments TDP2004 Datasheet HTML 22Page - Texas Instruments TDP2004 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 34 page
background image
7 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
7.1 Application Information
The TDP2004-Q1 is a high-speed linear redriver which extends the reach of differential channels impaired
by loss from transmission media like PCBs and cables. The device can be deployed in a variety of different
systems. The following sections outline typical applications and their associated design considerations.
7.2 Typical Applications
The TDP2004-Q1 is a linear redriver that can be used as DisplayPort main link signal conditioner as illustrated in
Figure 7-1.
IVI
Processor
Cable
Display
Scaler
ECU
Display
Figure 7-1. Typical Application
7.2.1 DP2.1 Main Link Signal Conditioning
The TDP2004-Q1 can be used in a video source/sink systems such as ADAS, IVI, RSE among other
applications to boost DisplayPort main link signals to increase the reach of the source and sink channel.
The following sections outline detailed procedures and design requirements for a typical DP 2.1 application.
However, the design recommendations can be used in other use cases.
7.2.1.1 Design Requirements
As with any high-speed design, there are many factors which influence the overall performance. The following
list indicates critical areas for consideration during design.
• Match the length between the P and N traces of the single-end segments of the differential pair.
• Use a uniform trace width and trace spacing for differential pairs.
• Place AC-coupling capacitors near the receiver end of each channel segment to minimize reflections.
• AC-coupling capacitors of 220nF are recommended. Set the maximum body size to 0402 and add a cutout
void on the GND plane below the landing pad of the capacitor to reduce parasitic capacitance to GND.
• Surface mount connector is recommended. For through hole connection, back-drill connector vias and signal
vias to minimize stub length.
• Use ground reference plane vias for a low inductance path for the return current.
7.2.1.2 Detailed Design Procedure
The TDP2004-Q1 provides signal conditioning for four DP main link channels. The device is a linear redriver
which is agnostic to DP link training. The DP link training negotiation between a display source and sink stays
effective through the device. The redriver becomes part of the electrical channel along with passive traces,
cables, and other channel elements, resulting in optimum source and sink parameters for best electrical link.
Figure 7-2 shows a simplified schematic for DisplayPort application using TDP2004-Q1.
www.ti.com
TDP2004-Q1
SNLS787 – SEPTEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: TDP2004-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com