Electronic Components Datasheet Search
  English  ▼

X  

TDP2004 Datasheet(PDF) 33 Page - Texas Instruments

Part # TDP2004
Description  TDP2004-Q1 Automotive Four-Channel 20Gbps DisplayPort 2.1 Linear Redriver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDP2004 Datasheet(HTML) 33 Page - Texas Instruments

Back Button TDP2004 Datasheet HTML 26Page - Texas Instruments TDP2004 Datasheet HTML 27Page - Texas Instruments TDP2004 Datasheet HTML 28Page - Texas Instruments TDP2004 Datasheet HTML 29Page - Texas Instruments TDP2004 Datasheet HTML 30Page - Texas Instruments TDP2004 Datasheet HTML 31Page - Texas Instruments TDP2004 Datasheet HTML 32Page - Texas Instruments TDP2004 Datasheet HTML 33Page - Texas Instruments TDP2004 Datasheet HTML 34Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 33 / 34 page
background image
NOTES: (continued)
6. Laser cutting apertures with trapezoidal walls and rounded corners may offer better paste release. IPC-7525 may have alternate
design recommendations.
EXAMPLE STENCIL DESIGN
4225901/A 05/2020
www.ti.com
VQFN - 1 mm max height
RGF0040F
PLASTIC QUAD FLATPACK- NO LEAD
SOLDER PASTE EXAMPLE
BASED ON 0.125 mm THICK STENCIL
EXPOSED PAD
69% PRINTED COVERAGE BY AREA
SCALE: 12X
SYMM
SYMM
(4.8)
12X (1.05)
12X (1.15)
36X (0.5)
40X (0.6)
40X (0.25)
(6.8)
2X
(1.35)
2X
(0.675)
2X (1.25)
(R 0.05) TYP
12
1
40
33
32
21
20
13
41
METAL TYP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com