Electronic Components Datasheet Search
  English  ▼

X  

TDP2004 Datasheet(PDF) 18 Page - Texas Instruments

Part # TDP2004
Description  TDP2004-Q1 Automotive Four-Channel 20Gbps DisplayPort 2.1 Linear Redriver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDP2004 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TDP2004 Datasheet HTML 14Page - Texas Instruments TDP2004 Datasheet HTML 15Page - Texas Instruments TDP2004 Datasheet HTML 16Page - Texas Instruments TDP2004 Datasheet HTML 17Page - Texas Instruments TDP2004 Datasheet HTML 18Page - Texas Instruments TDP2004 Datasheet HTML 19Page - Texas Instruments TDP2004 Datasheet HTML 20Page - Texas Instruments TDP2004 Datasheet HTML 21Page - Texas Instruments TDP2004 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 34 page
background image
(SMBus 8-bit address 0xA0). When the TDP2004-Q1 has finished reading from the EEPROM successfully, the
device drives the DONEn pin LOW. SMBus/I2C Target operation is available in this mode before, during, or
after EEPROM reading. Note: during EEPROM reading, if the external SMBus/I2C Controller wants to access
TDP2004-Q1 registers, the external controller must support arbitration.
When designing a system for using the external EEPROM, the user must follow these specific guidelines:
• EEPROM size of 2Kb (256 × 8-bit) is recommended.
• Set MODE = L1, configure for SMBus Controller mode.
• The external EEPROM device address byte must be 0xA0 and capable of 400kHz operation at 3.3V supply
• In SMBus/I2C modes the SCL and SDA pins must be pulled up to a 3.3V supply with a pullup resistor.
The value of the resistor depends on total bus capacitance. 4.7kΩ is a good first approximation for a bus
capacitance of 10pF.
Multiple TDP2004-Q1 can be cascaded to read from single EEPROM. Tie the READ_ENn pin of the first device
low (GND) to automatically initiate EEPROM read at power up. DONEn of the first device can be fed into
READ_ENn of the next device with 4.7kΩ pullup resistors. Leave the DONEn pin of the final device floating, or
connect the pin to a micro-controller input to monitor the completion of the final EEPROM read.
TDP2004-Q1
SNLS787 – SEPTEMBER 2025
www.ti.com
18
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TDP2004-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com