Electronic Components Datasheet Search
  English  ▼

X  

TDP2004 Datasheet(PDF) 17 Page - Texas Instruments

Part # TDP2004
Description  TDP2004-Q1 Automotive Four-Channel 20Gbps DisplayPort 2.1 Linear Redriver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDP2004 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TDP2004 Datasheet HTML 13Page - Texas Instruments TDP2004 Datasheet HTML 14Page - Texas Instruments TDP2004 Datasheet HTML 15Page - Texas Instruments TDP2004 Datasheet HTML 16Page - Texas Instruments TDP2004 Datasheet HTML 17Page - Texas Instruments TDP2004 Datasheet HTML 18Page - Texas Instruments TDP2004 Datasheet HTML 19Page - Texas Instruments TDP2004 Datasheet HTML 20Page - Texas Instruments TDP2004 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 34 page
background image
Table 6-10. EQ Gain Control Register (Channel Register Base + Offset = 0x01) (continued)
Bit
Field
Type
Reset
Description
6
eq_stage1_3
R/W
0x0
EQBoost stage 1 control
See Table 6-1 in the data sheet for details
5
eq_stage1_2
R/W
0x0
4
eq_stage1_1
R/W
0x0
3
eq_stage1_0
R/W
0x0
2
eq_stage2_2
R/W
0x0
EQ Boost stage 2 control
See Table 6-1 in the data sheet for details
1
eq_stage2_1
R/W
0x0
0
eq_stage2_0
R/W
0x0
Table 6-11. EQ Gain, Flat Gain Control Register (Channel Register Base + Offset = 0x03)
Bit
Field
Type
Reset
Description
7
RESERVED
R
0x0
Reserved
6
eq_profile_3
R/W
0x0
EQ mid-frequency boost profile
See Table 6-1 in the data sheet for details
5
eq_profile_2
R/W
0x0
4
eq_profile_1
R/W
0x0
3
eq_profile_0
R/W
0x0
2
flat_gain_2
R/W
0x1
Flat gain select:
See Table 6-2 in the data sheet for details
1
flat_gain_1
R/W
0x0
0
flat_gain_0
R/W
0x1
Table 6-12. TI Test Mode Control Register (Channel Register Base + Offset = 0x04)
Bit
Field
Type
Reset
Description
7-3, 1-0
RESERVED
R
0x0
Reserved
2
TI test mode
R/W
0x0
Set TI test mode:
0: test mode is enabled
1: test mode is disabled. Must be set to "1" for normal operation.
Table 6-13. PD Override Register (Channel Register Base + Offset = 0x05)
Bit
Field
Type
Reset
Description
7
device_en_override
R/W
0x0
Enable power down overrides through SMBus/I2C
0: Manual override disabled
1: Manual override enabled
6-0
device_en
R/W
0x111111
Manual power down of redriver various blocks of a channel –
gated by device_en_override = 1
111111: All blocks in the channel are enabled
000000: All blocks in the channel are disabled
Table 6-14. Bias Register (Channel Register Base + Offset = 0x06)
Bit
Field
Type
Reset
Description
5-3
Bias current
R/W
0x100
Control bias current
Set 001 for best performance
7,6,2-0
Reserved
R/W
0x00000
Reserved
6.5.3 SMBus/I2C Controller Mode Configuration (EEPROM Self Load)
The TDP2004-Q1 can also be configured by reading from EEPROM. To enter into this mode MODE pin must
be set to L1. The EEPROM load operation only happens once after the initial powerup of the device. If the
TDP2004-Q1 is configured for SMBus Controller mode, the device remains in the SMBus IDLE state until the
READ_ENn pin is asserted to LOW. After the READ_ENn pin is driven LOW, theTDP2004-Q1 becomes an
SMBus Controller and attempts to self-configure by reading the device settings stored in an external EEPROM
www.ti.com
TDP2004-Q1
SNLS787 – SEPTEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: TDP2004-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com