Electronic Components Datasheet Search
  English  ▼

X  

TDP2004 Datasheet(PDF) 14 Page - Texas Instruments

Part # TDP2004
Description  TDP2004-Q1 Automotive Four-Channel 20Gbps DisplayPort 2.1 Linear Redriver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDP2004 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TDP2004 Datasheet HTML 10Page - Texas Instruments TDP2004 Datasheet HTML 11Page - Texas Instruments TDP2004 Datasheet HTML 12Page - Texas Instruments TDP2004 Datasheet HTML 13Page - Texas Instruments TDP2004 Datasheet HTML 14Page - Texas Instruments TDP2004 Datasheet HTML 15Page - Texas Instruments TDP2004 Datasheet HTML 16Page - Texas Instruments TDP2004 Datasheet HTML 17Page - Texas Instruments TDP2004 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
Table 6-2. Flat Gain Configuration Settings (continued)
Pin mode: GAIN
I2C Mode: flat_gain_2:0
Datapath Flat Gain
L3
7
+2.6dB
6.3.3 Cross Point
The TDP2004-Q1 provides 2x2 cross-point function. Using pin SEL pin the 4 channel signal paths can be
configured as straight connection or cross connections as shown in Figure 6-1.
RX0
RX1
TX0
TX1
RX2
RX3
TX2
TX3
SEL=L
(Ch 0-3)
RX0
RX1
TX0
TX1
RX2
RX3
TX2
TX3
SEL=H
(Ch 0-3)
Figure 6-1. Signal Flow Diagram for Cross-Point Mux Operation
6.4 Device Functional Modes
6.4.1 Active Mode
The device is in normal operation. In this mode, the TDP2004-Q1 redrives and equalizes video mainlink signals
to provide better signal integrity.
6.4.2 Standby Mode
The device is in standby mode invoked by PD = H. In this mode, the device is in standby mode conserving
power.
6.5 Programming
6.5.1 Pin mode
The TDP2004-Q1 can be fully configured through pin-strap pins. In this mode the device uses 2-level and 5-level
pins for device control and signal integrity optimum settings.
6.5.1.1 Five-Level Control Inputs
The TDP2004-Q1 has 5-level input pins that are used to control the configuration of the device. These 5-level
inputs use a resistor divider to help set the 5 valid levels and provide a wider range of control settings. External
resistors must be of 10% tolerance or better. The 5-level pins except MODE are sampled at powerup only. The
MODE pin can be exercised at device power up or in normal operation mode.
Table 6-3. 5-Level Control Pin Settings
LEVEL
SETTING
L0
1kΩ to GND
L1
8.25kΩ to GND
L2
24.9kΩ to GND
L3
75kΩ to GND
L4
F (Float)
TDP2004-Q1
SNLS787 – SEPTEMBER 2025
www.ti.com
14
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TDP2004-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com