Electronic Components Datasheet Search
  English  ▼

X  

TDP2004 Datasheet(PDF) 16 Page - Texas Instruments

Part # TDP2004
Description  TDP2004-Q1 Automotive Four-Channel 20Gbps DisplayPort 2.1 Linear Redriver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDP2004 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TDP2004 Datasheet HTML 12Page - Texas Instruments TDP2004 Datasheet HTML 13Page - Texas Instruments TDP2004 Datasheet HTML 14Page - Texas Instruments TDP2004 Datasheet HTML 15Page - Texas Instruments TDP2004 Datasheet HTML 16Page - Texas Instruments TDP2004 Datasheet HTML 17Page - Texas Instruments TDP2004 Datasheet HTML 18Page - Texas Instruments TDP2004 Datasheet HTML 19Page - Texas Instruments TDP2004 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 34 page
background image
6.5.2.1 Shared Registers
Table 6-6. General Registers (Offset = 0xE2)
Bit
Field
Type
Reset
Description
7
RESERVED
R
0x0
Reserved
6
rst_i2c_regs
R/W/SC
0x0
Device reset control: Reset all I2C registers to default values
(self-clearing).
5
rst_i2c_mas
R/W/SC
0x0
Reset I2C Controller (self-clearing).
4-1
RESERVED
R
0x0
Reserved
0
frc_eeprm_rd
R/W/SC
0x0
Override MODE and READ_ENn status to force manual
EEPROM configuration load.
Table 6-7. EEPROM_Status Register (Offset = 0xE3)
Bit
Field
Type
Reset
Description
7
eecfg_cmplt
R
0x0
EEPROM load complete.
6
eecfg_fail
R
0x0
EEPROM load failed.
5
eecfg_atmpt_1
R
0x0
Number of attempts made to load EEPROM image.
4
eecfg_atmpt_0
R
0x0
3
eecfg_cmplt
R
0x0
EEPROM load complete 2.
2
eecfg_fail
R
0x0
EEPROM load failed 2.
1
eecfg_atmpt_1
R
0x0
Number of attempts made to load EEPROM image 2.
0
eecfg_atmpt_0
R
0x0
Table 6-8. DEVICE_ID0 Register (Offset = 0xF0)
Bit
Field
Type
Reset
Description
7-4
RESERVED
R
0x1
Reserved
3
device_id0_3
R
0x0
Device ID0 [3:1]: 001
2
device_id0_2
R
0x0
1
device_id0_1
R
0x1
0
RESERVED
R
0x0
Reserved
Table 6-9. DEVICE_ID1 Register (Offset = 0xF1)
Bit
Field
Type
Reset
Description
7
device_id[7]
R
0x0
Device ID 0010 1001:
TDP2004
6
device_id[6]
R
0x0
5
device_id[5]
R
0x1
4
device_id[4]
R
0x0
3
device_id[3]
R
0x1
2
device_id[2]
R
0x0
1
device_id[1]
R
0x0
0
device_id[0]
R
0x1
6.5.2.2 Channel Registers
Table 6-10. EQ Gain Control Register (Channel Register Base + Offset = 0x01)
Bit
Field
Type
Reset
Description
7
eq_stage1_bypass
R/W
0x0
Enable EQ stage 1 bypass:
0: Bypass disabled
1: Bypass enabled
TDP2004-Q1
SNLS787 – SEPTEMBER 2025
www.ti.com
16
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TDP2004-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com