Electronic Components Datasheet Search
  English  ▼

X  

TDP2004 Datasheet(PDF) 31 Page - Texas Instruments

Part # TDP2004
Description  TDP2004-Q1 Automotive Four-Channel 20Gbps DisplayPort 2.1 Linear Redriver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDP2004 Datasheet(HTML) 31 Page - Texas Instruments

Back Button TDP2004 Datasheet HTML 26Page - Texas Instruments TDP2004 Datasheet HTML 27Page - Texas Instruments TDP2004 Datasheet HTML 28Page - Texas Instruments TDP2004 Datasheet HTML 29Page - Texas Instruments TDP2004 Datasheet HTML 30Page - Texas Instruments TDP2004 Datasheet HTML 31Page - Texas Instruments TDP2004 Datasheet HTML 32Page - Texas Instruments TDP2004 Datasheet HTML 33Page - Texas Instruments TDP2004 Datasheet HTML 34Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 31 / 34 page
background image
NOTES:
1.
All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. The package thermal pad must be soldered to the printed circuit board for optimal thermal and mechanical performance.
PACKAGE OUTLINE
4225901/A 05/2020
www.ti.com
VQFN - 1 mm max height
PLASTIC QUAD FLATPACK- NO LEAD
RGF0040F
A
0.08 C
0.1
C A B
0.05
C
B
SYMM
SYMM
5.1
4.9
7.1
6.9
1 MAX
0.05
0.00
C
SEATING PLANE
3.7±0.1
3.5
5.5
36X 0.5
5.7±0.1
40X 0.5
0.3
40X 0.3
0.2
1
12
13
20
21
32
33
40
41
PIN 1 INDEX AREA
(0.2) TYP
(0.16)
0.100 MIN
(0.130)
SECTION A-A
TYPICAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com