Electronic Components Datasheet Search
  English  ▼

X  

ADA4356 Datasheet(PDF) 34 Page - Analog Devices

Part # ADA4356
Description  Programmable Transimpedance, Current to Bits Receiver μModule
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4356 Datasheet(HTML) 34 Page - Analog Devices

Back Button ADA4356 Datasheet HTML 30Page - Analog Devices ADA4356 Datasheet HTML 31Page - Analog Devices ADA4356 Datasheet HTML 32Page - Analog Devices ADA4356 Datasheet HTML 33Page - Analog Devices ADA4356 Datasheet HTML 34Page - Analog Devices ADA4356 Datasheet HTML 35Page - Analog Devices ADA4356 Datasheet HTML 36Page - Analog Devices ADA4356 Datasheet HTML 37Page - Analog Devices ADA4356 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 61 page
background image
Data Sheet
ADA4356
analog.com
Rev. 0
34 of 61
THEORY OF OPERATION
The ADA4356 integrates a field effect transistor (FET) input TIA with three switchable gains (4.54kΩ, 11kΩ, and
133kΩ). The gain switches are designed to minimize error sources that result in slow settling time and slow
overload recovery. The internal overload current protection allows the input current to exceed the full-scale
current while still providing fast overload recovery. Additionally, the overload current protection enables analog
input current levels up to 40mA to be sustained with no damage to the TIA. The positive node of the TIA is biased to
1.65V, as shown in Figure 2.
Figure 79 shows the overall system transfer function. Because the photodiode provides unipolar current (sink or
source), the overall transfer function has 0.825V offset to maximize the input range of the ADC. When the input
current is 0µA, the ADC differential input is 0.825V. As the input current increases, the TIA output decreases toward
GND. When the input current reaches 1.65V/TZ, the TIA output is at GND, limiting the ADC differential input voltage
to −0.825V. The positive full-scale input current is 1.65V/TZ, and there is room to measure negative input current
down to −0.175V/TZ.
Figure 79. Overall Transfer Function
Figure 80. Typical Application Block Diagram with a Single VCC Supply, FPGA Control, and Data Process
LINEAR INPUT RANGE
1.65V
+1V
ADC
INPUT
0.825V
–0.825V
–1V
0
0
INPUT
CURRENT
1.65V
TZ =
TZ
dy
dx
0.175V
TZ
GSEL0,
GSEL1
VCC
VLDEN
VLD
VEA/VED
2
2
+3.3V
2
FSEL
LDO
PHOTODIODE
INPUT
IIN
PGTIA +
FDA
OTDR DATA
FPGA
MICROPROCESSOR
LVDS LANES
SPI SIGNALS
ADC
SPI
GND
CLKN
ADA4356
CLKP
BANDWIDTH
LPF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com