Electronic Components Datasheet Search
  English  ▼

X  

ADA4356 Datasheet(PDF) 42 Page - Analog Devices

Part # ADA4356
Description  Programmable Transimpedance, Current to Bits Receiver μModule
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4356 Datasheet(HTML) 42 Page - Analog Devices

Back Button ADA4356 Datasheet HTML 38Page - Analog Devices ADA4356 Datasheet HTML 39Page - Analog Devices ADA4356 Datasheet HTML 40Page - Analog Devices ADA4356 Datasheet HTML 41Page - Analog Devices ADA4356 Datasheet HTML 42Page - Analog Devices ADA4356 Datasheet HTML 43Page - Analog Devices ADA4356 Datasheet HTML 44Page - Analog Devices ADA4356 Datasheet HTML 45Page - Analog Devices ADA4356 Datasheet HTML 46Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 61 page
background image
Data Sheet
ADA4356
analog.com
Rev. 0
42 of 61
wide range of duty cycles with the DCS on. To disable the DCS function, clear the least significant bit of SPI REGISTER
0x09h to zero.
Jitter in the rising edge of the clock is still a concern and is not easily reduced by the internal stabilization circuit. The
duty cycle control loop does not function for clock rates <20MHz, nominally. The loop has a time constant associated
with it that must be considered in applications where the clock rate can change dynamically. A wait time of 5µs is
required after a dynamic clock frequency increase or decrease before the DCS loop relocks to the input signal.
Jitter Considerations
High-speed, high-resolution ADCs are sensitive to the quality of the clock input. The following equation shows how
signal-to-noise ratio (SNR) degrades at a given input frequency (fA) due only to aperture jitter (tJ):
SNR Degradation = 20 log
10 (
1
2π×fA×tJ
)
In this equation, the rms aperture jitter represents the rms of all jitter sources, including the clock input, analog
input signal, and ADC aperture jitter specifications. IF undersampling applications are particularly sensitive to jitter.
The effect of jitter alone on SNR, with no other noise contributors, is shown Figure 90.
Figure 90. Ideal SNR vs. Analog Input Frequency and Jitter
Treat the clock input as an analog signal when aperture jitter can affect the dynamic range of the ADA4356. Separate
clock driver power supplies from the ADC output driver supplies to avoid modulating the clock signal with digital
noise. Low jitter, crystal oscillators are the best clock sources. If the clock is generated from another type of source
(by gating, dividing, or other methods), it is recommended to retime the clock by the original clock as the last step.
For more details on jitter performance as it relates to the internal ADC of the ADA4356, refer to the Application Note
AN-501: Aperture Uncertainty and ADC System Performance and the Application Note AN-756: Sampled Systems and
the Effects of Clock Phase Noise and Jitter.
Clock Stability Considerations
Immediately after power-on, the ADA4356 enters an initialization phase during which an internal state machine sets
up the biases and the registers for proper operation. During the initialization process, the ADA4356 needs a stable
clock. If the clock source to the ADC is not present or not stable during ADC power-up, it disrupts the state machine
and causes the ADC to start up in an unknown state. To correct this, invoke a digital reset via Register 0x08 after the
clock source is stable. Clock instability during normal operation may also necessitate a digital reset to restore proper
operation.
1
10
100
ANALOG INPUT FREQUENCY (MHz)
1000
16 BITS
14 BITS
12 BITS
30
40
50
60
70
80
90
100
110
120
130
0.125ps
0.25ps
0.5ps
1.0ps
2.0ps
10 BITS
8 BITS
RMS CLOCK JITTER REQUIREMENT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com