Electronic Components Datasheet Search
  English  ▼

X  

ADA4356 Datasheet(PDF) 23 Page - Analog Devices

Part # ADA4356
Description  Programmable Transimpedance, Current to Bits Receiver μModule
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4356 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADA4356 Datasheet HTML 19Page - Analog Devices ADA4356 Datasheet HTML 20Page - Analog Devices ADA4356 Datasheet HTML 21Page - Analog Devices ADA4356 Datasheet HTML 22Page - Analog Devices ADA4356 Datasheet HTML 23Page - Analog Devices ADA4356 Datasheet HTML 24Page - Analog Devices ADA4356 Datasheet HTML 25Page - Analog Devices ADA4356 Datasheet HTML 26Page - Analog Devices ADA4356 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 61 page
background image
Data Sheet
ADA4356
analog.com
Rev. 0
23 of 61
Figure 19. Noise Spectral Density, TZ = 11kΩ, LPF = 1MHz
Figure 20. RMS Noise vs. Noise Bandwidth, TZ = 11kΩ, LPF =
1MHz
Figure 21. Noise Spectral Density for Various Source
Capacitances, TZ = 11kΩ, LPF = 1MHz
Figure 22. RMS Noise vs. Noise Bandwidth for Various
Source Capacitances, TZ = 11kΩ, LPF = 1MHz
Figure 23. Noise Spectral Density for Various Temperatures,
TZ = 11kΩ, LPF = 1MHz
Figure 24. RMS Noise vs. Noise Bandwidth for Various
Temperatures, TZ = 11kΩ, LPF = 1MHz
NO AVERAGES
16k AVERAGES
65k AVERAGES
FREQUENCY (Hz)
10k
100k
1M
10M
100M
0.000001
0.00001
0.0001
0.001
0.01
0.1
NO AVERAGES
16k AVERAGES
65k AVERAGES
NOISE BANDWIDTH (Hz)
10k
100k
1M
10M
100M
0.0001
0.001
0.01
0.1
1
10
100
SOURCE CAPACITANCE = 0.5pF
SOURCE CAPACITANCE = 2pF
SOURCE CAPACITANCE = 5pF
SOURCE CAPACITANCE = 10pF
FREQUENCY (Hz)
10k
100k
1M
10M
100M
0.0001
0.001
0.01
0.1
SOURCE CAPACITANCE = 0.5pF
SOURCE CAPACITANCE = 2pF
SOURCE CAPACITANCE = 5pF
SOURCE CAPACITANCE = 10pF
NOISE BANDWIDTH (Hz)
10k
100k
1M
10M
100M
0.1
1
10
100
TA = +85°C
TA = +25°C
TA = –40°C
FREQUENCY (Hz)
10k
100k
1M
10M
100M
0.0001
0.001
0.01
0.1
TA = +85°C
TA = +25°C
TA = –40°C
NOISE BANDWIDTH (Hz)
10k
100k
1M
10M
100M
0.1
1
10
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com