Electronic Components Datasheet Search
  English  ▼

X  

ADA4356 Datasheet(PDF) 11 Page - Analog Devices

Part # ADA4356
Description  Programmable Transimpedance, Current to Bits Receiver μModule
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4356 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADA4356 Datasheet HTML 7Page - Analog Devices ADA4356 Datasheet HTML 8Page - Analog Devices ADA4356 Datasheet HTML 9Page - Analog Devices ADA4356 Datasheet HTML 10Page - Analog Devices ADA4356 Datasheet HTML 11Page - Analog Devices ADA4356 Datasheet HTML 12Page - Analog Devices ADA4356 Datasheet HTML 13Page - Analog Devices ADA4356 Datasheet HTML 14Page - Analog Devices ADA4356 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 61 page
background image
Data Sheet
ADA4356
analog.com
Rev. 0
11 of 61
Table 4. ADC SPI Timing Requirements
(TA = 25°C and VCC = 3.3V, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
SPI TIMING REQUIREMENTS (See Figure 5, unless otherwise noted)
Setup Time
tDS
Between the data and
the rising edge of SCLK
2
ns
Hold Time
tDH
Between the data and
the rising edge of SCLK
2
ns
SCLK Period
tCLK
40
ns
Setup Time
tS
Between CS
̅̅̅̅
and SCLK
2
ns
Hold Time
tH
Between CS
̅̅̅̅
and SCLK
2
ns
SCLK
tHIGH
Pulse width high
10
ns
tLOW
Pulse width low
10
ns
SDO Switching1
tEN_SDIO
SDIO switch time from
input to output relative
to the SCLK falling edge
10
ns
SDO Switching1
tDIS_SDIO
SDIO switch time output
to input relative to the
SCLK rising edge
10
ns
1
This parameter is not shown in Figure 5.
Figure 5. Serial Port Interface Timing Diagram
DON’T CARE
DON’T CARE
DON’T CARE
DON’T CARE
SDIO
SCLK
CS
tS
tDH
tCLK
tDS
tH
R/W
W1
W0
A12
A11
A10
A9
A8
A7
D5
D4
D3
D2
D1
D0
tLOW
tHIGH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com