Electronic Components Datasheet Search
  English  ▼

X  

ADA4356 Datasheet(PDF) 13 Page - Analog Devices

Part # ADA4356
Description  Programmable Transimpedance, Current to Bits Receiver μModule
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4356 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADA4356 Datasheet HTML 9Page - Analog Devices ADA4356 Datasheet HTML 10Page - Analog Devices ADA4356 Datasheet HTML 11Page - Analog Devices ADA4356 Datasheet HTML 12Page - Analog Devices ADA4356 Datasheet HTML 13Page - Analog Devices ADA4356 Datasheet HTML 14Page - Analog Devices ADA4356 Datasheet HTML 15Page - Analog Devices ADA4356 Datasheet HTML 16Page - Analog Devices ADA4356 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 61 page
background image
Data Sheet
ADA4356
analog.com
Rev. 0
13 of 61
(Full temperature range, unless otherwise specified.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Out-of-Range
Recovery Time
25°C
1
Clock
Cycles
1
For the definitions and for more details on how these tests are completed, refer to the Application Note AN-
835: Understanding High Speed ADC Testing and Evaluation.
2
These parameters are measured on standard FR4 materials.
3
The clock can be adjusted via the SPI.
4
The conversion rate is the clock rate after the divider. Valid for 2-lane operation.
5
This parameter is not shown in Figure 6 through Figure 11.
6
tSAMPLE/16 is based on the number of bits in two LVDS data lanes. tSAMPLE = 1/f.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com