Electronic Components Datasheet Search
  English  ▼

X  

ADA4356 Datasheet(PDF) 39 Page - Analog Devices

Part # ADA4356
Description  Programmable Transimpedance, Current to Bits Receiver μModule
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4356 Datasheet(HTML) 39 Page - Analog Devices

Back Button ADA4356 Datasheet HTML 35Page - Analog Devices ADA4356 Datasheet HTML 36Page - Analog Devices ADA4356 Datasheet HTML 37Page - Analog Devices ADA4356 Datasheet HTML 38Page - Analog Devices ADA4356 Datasheet HTML 39Page - Analog Devices ADA4356 Datasheet HTML 40Page - Analog Devices ADA4356 Datasheet HTML 41Page - Analog Devices ADA4356 Datasheet HTML 42Page - Analog Devices ADA4356 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 61 page
background image
Data Sheet
ADA4356
analog.com
Rev. 0
39 of 61
Switch On-Resistance
Real switches have nonzero on-resistance (RON), which appears in series with R1. Thus, switch on-resistance affects
the divider ratio of R1 and R2. The resulting current division with nonzero switch RON is given by:
I2 =
(R1 + RON)
(R1 + RON)+R2
×
IPD
In the special case where R1 = 0Ω, this equation reduces to:
I2 =
RON
RON + R2
×
IPD
The switch nonideality RON thus effectively plays the role of the resistor R1 in the original divider in Figure 81.
Note that RON of a switch has a different temperature coefficient than that of a discrete resistor, which affects
current division accuracy over temperature. Calibration over temperature can help address such accuracy issues.
Switch Current Limits
The maximum input current that the current divider can accept is limited by switch S1’s absolute maximum current
limits. The absolute maximum current limits for current pulses are often much higher than the limit for continuous
currents.
Aside from absolute maxima for switch currents, another issue with large input currents I1 is the resulting larger
transient IR drop due to the switch on-resistance (RON × I1). Since the TIA input is pinned at 1.65V, this IR drop
pushes the output of the switch itself higher. An IR drop that is too big may force the switch’s output too close to its
own supply voltage, which can cause nonlinearity errors.
Additionally, self-heating from high currents through S1 also causes temperature coefficient shifts in RON.
Switch Capacitance
While a larger switch has the benefits of higher current capacity and a smaller switch on-resistance RON, the trade-
off is an increased switch parasitic capacitance CSW. This capacitance also appears at the input of the TIA, which can
affect TIA performance as explained in the Transimpedance Amplifier Input section.
Although resistors R1 and R2 may appear to isolate the INPUT node from the total input capacitance CS and switch
capacitance according to typical nodal analysis rules, this assumption does not apply here, because the TIA input is
a current, not a voltage. A resistor cannot increase or decrease current, while any capacitance on the path between
input source (that is, APD) and ball INPUT (E1) can divert desired input current.
Capacitor C1 is the sole exception, because it is so large that its associated poles and zeros are multiple decades
below the frequencies of interest for this application. It appears solely as an AC ground and does not affect TIA
performance. Meanwhile, switch capacitance CSW is typically in the pF range, and thus its associated poles and
zeros are close enough to the TIA’s own poles and zeros to affect bandwidth and noise.
A recommended switch that balances low on-resistance and low parasitic junction capacitance is ADG772.
OTDR Application
The small form factor and integrated nature of the ADA4356 micromodule make it ideally suited for space-sensitive
applications, such as embedded optical time domain reflectometry (OTDR) for fiber optic cable installations in
datacenters or telecommunications networks.
The 133kΩ transimpedance gain and 1MHz LPF cutoff frequency enables the ADA4356 to reach the high sensitivity
and low noise levels needed for wide dynamic range long-haul OTDR applications. Conversely, the 4.54kΩ gain and



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com