Electronic Components Datasheet Search
  English  ▼

X  

ADA4356 Datasheet(PDF) 6 Page - Analog Devices

Part # ADA4356
Description  Programmable Transimpedance, Current to Bits Receiver μModule
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4356 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADA4356 Datasheet HTML 2Page - Analog Devices ADA4356 Datasheet HTML 3Page - Analog Devices ADA4356 Datasheet HTML 4Page - Analog Devices ADA4356 Datasheet HTML 5Page - Analog Devices ADA4356 Datasheet HTML 6Page - Analog Devices ADA4356 Datasheet HTML 7Page - Analog Devices ADA4356 Datasheet HTML 8Page - Analog Devices ADA4356 Datasheet HTML 9Page - Analog Devices ADA4356 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 61 page
background image
Data Sheet
ADA4356
analog.com
Rev. 0
6 of 61
SPECIFICATIONS
Table 1. Performance Specifications
(TA = 25°C, VCC = 3.3V, LDO enabled (see the power connection scheme shown in Figure 3), FSEL = 0, and the
source capacitance (CS) = 0.5pF, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
INPUT
Input Referred Current Noise,
CS = 5pF
iN
TZ = 4.54kΩ1
68
nA rms
TZ = 11kΩ2
33
nA rms
TZ = 133kΩ
8.4
nA rms
TZ = 133kΩ,
FSEL = 1
3.5
nA rms
TZ = 4.54kΩ,
65,536 averages
270
pA rms
TZ = 11kΩ,
65,536 averages
130
pA rms
TZ = 133kΩ,
65,536 averages
31
pA rms
TZ = 133kΩ,
FSEL = 1,
65,536 averages
14
pA rms
Equivalent Voltage Noise at
Output, CS = 5pF
vN
TZ = 4.54kΩ
310
μV rms
TZ = 11kΩ
363
μV rms
TZ = 133kΩ
1.11
mV rms
TZ = 133kΩ,
FSEL = 1
0.465
mV rms
Input Voltage
VIN
1.65
V
Noninverting TIA internal
reference voltage
TIAREF3
No load
1.65
V
Input Bias Current
IB
±1
nA
Linear Input Current Range
IIN
TZ = 4.54kΩ
+3 to +300
μA
TZ = 11kΩ
+1 to +100
μA
TZ = 133kΩ
+0.1 to +10
μA
TZ Gain Accuracy
ΔTZ/TZ
All gains
±1
±5
%
Input Capacitance
CIN
2
pF
ADC Input Bias Voltage
VBIAS
IIN = 0µA, all gains3
825
mV
AC PERFORMANCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com