Electronic Components Datasheet Search
  English  ▼

X  

ADA4356 Datasheet(PDF) 9 Page - Analog Devices

Part # ADA4356
Description  Programmable Transimpedance, Current to Bits Receiver μModule
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4356 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADA4356 Datasheet HTML 5Page - Analog Devices ADA4356 Datasheet HTML 6Page - Analog Devices ADA4356 Datasheet HTML 7Page - Analog Devices ADA4356 Datasheet HTML 8Page - Analog Devices ADA4356 Datasheet HTML 9Page - Analog Devices ADA4356 Datasheet HTML 10Page - Analog Devices ADA4356 Datasheet HTML 11Page - Analog Devices ADA4356 Datasheet HTML 12Page - Analog Devices ADA4356 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 61 page
background image
Data Sheet
ADA4356
analog.com
Rev. 0
9 of 61
Figure 4. On-Chip LDO Disabled
Table 3. CLK, SPI, and Control Specifications
(TA = 25°C, VCC = 3.3V, and LDO enabled (see the power scheme shown in Figure 3), unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
CLOCK INPUTS (CLKP AND CLKN)
External Clock Frequency
10
1000
MHz
Conversion Rate
10
125
MSPS
Logic Compliance
MOS,
LVDSL,
VPECL
Differential Input Voltage
For LVDS and
LVPECL
0.2
3.6
Vp-p
Input Voltage Range
GND − 0.2
VEA + 0.2
V
Input Common-Mode
Voltage
VCM
0.9
V
Input Resistance
(Differential)
RIN,CLK
15
kΩ
Input Capacitance
CIN,CLK
4
pF
SPI CLOCK
SCLK Frequency
25
MHz
SPI INPUTS (SCLK, CS
̅̅̅̅
, AND SDIO)
Input High Voltage
VINH
1.2
VEA + 0.2
V
Input Low Voltage
VINL
0
0.8
V
SCLK Input Resistance
RIN,SCLK
30
kΩ
SCLK Input Capacitance
CIN,SCLK
2
pF
CS
̅̅̅̅
Input Resistance
RIN,CS
26
kΩ
CS
̅̅̅̅
Input Capacitance
CIN,CS
2
pF
VLD
VLDEN
VCC
3.3V
1.8V
IVCC
VEA
VED
ADA4356
LDO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com